Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-147-2500C-FDFB-SLC4 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-147-2500C-FDFB-SLC4
Description  2.5 Gbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-147-2500C-FDFB-SLC4 Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button C-147-2500C-FDFB-SLC4 Datasheet HTML 2Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 3Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 4Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 5Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 6Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 7Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 8Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 9Page - Source Photonics, Inc. C-147-2500C-FDFB-SLC4 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
2.5 Gbps Single Mode SFF LC Transceiver
C-1XX-2500(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS851-Jul2005
rev. A.0
LUMINENTOIC.COM
Power Coupling
A suggested layout for power and ground connections is given in figure 4B below. Connections are made via separate voltage and ground
planes. The mounting posts are at case ground and should not be connected to circuit ground. The mounting posts are at case ground and
should not be connected to circuit ground. The ferrite bead should provide a real impedance of 50 to 100 ohms at 100 to 1000 MHz. Bypass
capacitors should be placed as close to the 10-pin connector as possible.
Figure 4A: Suggested Power Coupling-Electrical Schematic
TOP VIEW
VALUES:
C1, C2 = 1000pF,
C3,
= 0.1uF
C4,
= 10uF,
L1, L2 = Real impedance of 50 to
100 Ohms to 1000MHz.
LEHEND:
CIRCUIT GROUND PLANE CONNECTION
CASE GROUND
Vcc PLANE CONNECTION
NOTE :
1.) Components shown ore placed
on the bottom layer and are
viewed through the board.
C1 L2
C3 C4
L1
C2
Figure 4B: Suggested Power Coupling-Component Placement


Similar Part No. - C-147-2500C-FDFB-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-147-1250-FDFB-SLC2 SOURCE-C-147-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC2-G5 SOURCE-C-147-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC3 SOURCE-C-147-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC3-G5 SOURCE-C-147-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-147-1250-FDFB-SLC4 SOURCE-C-147-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-147-2500C-FDFB-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-2500-FDFB-SLC4 SOURCE-C-13-2500-FDFB-SLC4 Datasheet
948Kb / 10P
   2.5 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-9380 OPTOWAY-TRSL-9380 Datasheet
95Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com