Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ932-1CH-5D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ932-1CH-5D
Description  15 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ932-1CH-5D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ932-1CH-5D Datasheet HTML 1Page - American Zettler, Inc. AZ932-1CH-5D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST (1 Form A)
SPST NC (1 Form B)
SPDT (1 Form C)
Ratings
Form A, B and C
Max. switched power: 210 W or 2400 VA
Max. switched current: 15 A AC, 7 A DC
Max. switched voltage: 30 VDC or 300 VAC
Rated Load
1 Form A
UL/CUR
15 A at 120 VAC
TV - 5 120 VAC
1 Form B NC
8.3 A at 120 VAC
3.6 A at 277 VAC
1000 VA, 90°C Ballast
1 Form B NC
15 A at 120 VAC
6.5 A at 277 VAC
1800 VA, 25° C Ballast
1 Form C
10 A at 120 VAC 100,000 cycles N.O.
10 A at 120 VAC 50,000 cycles N.C.
Material
Silver tin oxide (gold plating available)
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
AZ
GENERAL DATA
Life Expectancy
Mechanical
1x106
Electrical
1 x 105 at 10 A 120 VAC Res.
Operate Time
10 ms max.
Release Time
5 ms max.
(with no coil suppression)
Dielectric Strength
1500 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms across contacts
Insulation Resistance
100 megohms min. at 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C(-40°F) to 80°C(176°F)
Storage
-40°C(-40°F) to 130°C(266°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (500°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
10 g
COIL
Power
At Pickup Voltage
203 mW
Max Continuous
.6 W at 20°C (68°F)
Dissipation
Temperature Rise
27°C (49°F)
(at nominal coil voltage)
Temperature
Max. 130°C (266°F)
AZ932
15 AMP
MINIATURE
PC BOARD RELAY
FEATURES
• High performance
• Low seated height
• Flux tight and sealed versions available
• Class F insulation (155°C) system available
• Class B Insulation (130°C) standard
• UL, CUR file E43203
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
2/20/08W


Similar Part No. - AZ932-1CH-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9321 AZETTLER-AZ9321 Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-12DF AZETTLER-AZ9321-1A-12DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-18DF AZETTLER-AZ9321-1A-18DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-24DF AZETTLER-AZ9321-1A-24DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
AZ9321-1A-48DF AZETTLER-AZ9321-1A-48DF Datasheet
90Kb / 2P
   20 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ932-1CH-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943_14 Datasheet
63Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943S ZETTLER-AZ943S Datasheet
57Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY SMT
logo
American Zettler, Inc.
AZ943S AZETTLER-AZ943S Datasheet
136Kb / 2P
   15 AMP (SMT) MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SRUUH MACOM-SRUUH Datasheet
46Kb / 2P
   15 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com