Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-153-2500C-FDFB-SLC4 Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # C-153-2500C-FDFB-SLC4
Description  2.5 Gbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-153-2500C-FDFB-SLC4 Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button C-153-2500C-FDFB-SLC4 Datasheet HTML 2Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 3Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 4Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 5Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 6Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 7Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 8Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 9Page - Source Photonics, Inc. C-153-2500C-FDFB-SLC4 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
2.5 Gbps Single Mode SFF LC Transceiver
C-1XX-2500(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS851-Jul2005
rev. A.0
LUMINENTOIC.COM
77
(0.700)
(0.413)
�
(0.039±0.002)
.95
6.9

(0.)
(0.274)

7
72

2
(0.280)
(0.070)
(0.020)
(0.200)
(0.246)
1.50
(0.3)
-(0.008)
+()
(1.921)
8.8-0.
+0
Units: mm (inches)
Package Diagram


Similar Part No. - C-153-2500C-FDFB-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-153-1250-FDFB-SLC2 SOURCE-C-153-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-153-1250-FDFB-SLC2-G5 SOURCE-C-153-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-153-1250-FDFB-SLC3 SOURCE-C-153-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-153-1250-FDFB-SLC3-G5 SOURCE-C-153-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-153-1250-FDFB-SLC4 SOURCE-C-153-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-153-2500C-FDFB-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-2500-FDFB-SLC4 SOURCE-C-13-2500-FDFB-SLC4 Datasheet
948Kb / 10P
   2.5 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-9380 OPTOWAY-TRSL-9380 Datasheet
95Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com