Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP-FC-55Z-H-T-ASFCT Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # LDP-FC-55Z-H-T-ASFCT
Description  1310nm & 1550nm Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

LDP-FC-55Z-H-T-ASFCT Datasheet(HTML) 1 Page - Source Photonics, Inc.

  LDP-FC-55Z-H-T-ASFCT Datasheet HTML 1Page - Source Photonics, Inc. LDP-FC-55Z-H-T-ASFCT Datasheet HTML 2Page - Source Photonics, Inc. LDP-FC-55Z-H-T-ASFCT Datasheet HTML 3Page - Source Photonics, Inc. LDP-FC-55Z-H-T-ASFCT Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LDP-FC-XXZ-X-T-XXXXXX-XS-XX
1310nm & 1550nm Laser Diode Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS766-APR2406
rev. A.3
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wavelength
λ
1290
1310
1330
nm
CW
Spectral Width
∆λ
-
2
5
nm
CW(RMS)
Threshold Current
Ith
-
20
35
mA
CW
Output Power (SM, 9/125µm)
L
M
H
U
P
f
200
500
1000
2000
-
-
-
-
500
1000
-
-
µW
CW, Iop=Ith+20mA
Kink free
Output Power(MM, 50/125µm)
L
M
H
U
P
f
200
500
1000
2000
-
-
-
-
500
1000
-
-
µW
CW, Iop=Ith+20mA
Kink free
Rise Time/Fall Time
Tr/Tf
-
0.5
-
ns
Foward Voltage
Vf
-
1.2
1.7
V
CW
Tracking error
∆Pf/Pf
-
±1.5
-
dB
-40 to +85ºC
Monitor Current
IPD
0.05
-
-
mA
CW(Iop)
Monitor Dark Current
ID
-
0.3
1.0
µA
Vrd=5V
Monitor Capacitance
CPD
-
10
-
pF
F=1MHz,Vrd=5V
Optical and Electrical Characteristics 1310nm (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM & 50/125µm M/M fiber)
Features
• 1310nm or 1550nm Wavelength
• High Optical Power
• Low Threshold Current
• High Operating Temperature
• High Speed
• Uncooled
• Mini Housing Package
• Singlemode & Multimode Fiber Pigtail
• RoHS Compliant available
Parameter
Symbol
Condition
Rating
Unit
LD Reverse Voltage
VRLD
CW
2.5
V
LD Forward Current
IF
CW
150
mA
PD Forward Current
IFPD
CW
2.0
mA
PD Reverse Voltage
VRPD
CW
15
V
Operating Temperature
Topr
-
-40 ~ 85
ºC
Storage Temperature
Tstg
-
-40 ~ 85
ºC
Absolute Maximum Ratings (Tc=25ºC)


Similar Part No. - LDP-FC-55Z-H-T-ASFCT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
   Diplexer
LDP-1050-252++ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
   Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
   CUSTOM LED DISPLAY
LDP-N562RI LUMEX-LDP-N562RI Datasheet
70Kb / 1P
   565nm GREEN CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDP-N566RI LUMEX-LDP-N566RI Datasheet
69Kb / 1P
   660nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results

Similar Description - LDP-FC-55Z-H-T-ASFCT

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
List of Unclassifed Man...
C-15-002 ETC2-C-15-002 Datasheet
501Kb / 6P
   1550nm 2.5Gbps Laser Diode Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
logo
List of Unclassifed Man...
LD131T10 ETC-LD131T10 Datasheet
251Kb / 4P
   1310nm Laser Diode
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com