Selected language     English  ▼


C-127-155-FDFB-SLC5S Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part No. C-127-155-FDFB-SLC5S
Description  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 1 page
background image
1
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
Features
• Duplex LC Single Mode Transceiver
• Small Form Factor Multi-sourced 2x5 Pin Package
• Complies with SONET OC-3 / SDH STM-1
• 1270 nm to1610 nm Wavelength, CWDM DFB Laser
• Single +3.3V Power Supply
• LVPECL Differential Inputs and Outputs
• LVTTL Signal Detection Output (C-1XX-155C-FDFB-SLCX)
• LVPECL Signal Detection Output (C-1XX-155-FDFB-SLCX)
• Class 1 Laser International Safety Standard IEC 825
compliant
• Solderability to MIL-STD-883, Method 2003
• Flammability to UL94V0
• Humidity RH 5-85% (5-90% short term) to IEC 68-2-3
• Complies with Bellcore GR-468-CORE
• 40 km reach (C-1XX-155-FDFB-SLC5), 1270 to 1450 nm
• 80 km reach (C-1XX-155-FDFB-SLC5), 1470 to 1610 nm
• 80 km reach (C-1XX-155-FDFB-SLC9), 1270 to 1450 nm
• 120 km reach (C-1XX-155-FDFB-SLC9), 1470 to 1610 nm
• RoHS-5/6 compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Operating Temperature
Topr
0
70
ºC
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (Case)
Topr
0
-
70
ºC
Data rate
-
155
-
Mbps
Recommended Operating Condition




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-155-T-SSC7155 Mbps Single Mode Transceiver Long-Reach 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-622-F-SLC622 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-15-155-TDFB-SSC10155 Mbps DFB Laser Single Mode Transceiver Ultra-LR 1 2 3 4 5 MoreSource Photonics, Inc.
NU-33B54B-R155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V 2X5 SFF Package Class B B-PON ONU Transceiver 1 2 3 4 5 Optoway Technology Inc
C-13-155-T-SSC3155 Mbps Single Mode Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-622C-F-SLC622 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-155-T-SSC4155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TRML-3102G3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl