Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ880P1-1AB-3D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ880P1-1AB-3D
Description  10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ880P1-1AB-3D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ880P1-1AB-3D Datasheet HTML 1Page - American Zettler, Inc. AZ880P1-1AB-3D Datasheet HTML 2Page - American Zettler, Inc. AZ880P1-1AB-3D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COIL
Power
At Pickup Voltage
137 mW ( 2A single side stable, 2 coil
latching)
(typical)
98 mW (1 coil latching or 1A or 1AB single
side stable)
Max. Continuous
0.75 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
30°C (54°F) at nominal coil voltage
105°C (221°F)
Max. Temperature
CONTACTS
Arrangement
SPST (1 Form A), DPST (2 Form A)
DPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 300 W or 2500 VA (SPST)
240 W or 2000 VA (DPST)
Max. switched current: 10 A (SPST)
8 A (DPST)
Max. switched voltage: 150 VDC or 380 VAC*
*Note: If switching voltage is greater than 30 VDC,
special precautions must be taken. Please contact
the factory.
Rated Load
SPST
UL, CUR
10 A at 250 VAC general use, 30k cycles
10 A at 30 VDC resistive, 30k cycles
1/3 HP at 250 VAC
B300 Pilot Duty
DPST
8 A at 250 VAC general use, 30k cycles
8 A at 30 VDC resistive, 30k cycles
1/3 HP at 250 VAC
1/4 HP at 125 VAC
Material
Silver nickel, gold plating optional
Resistance
< 50 milliohms initially (6 V 1 A voltage drop
method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 106 at 10 A 250 VAC resistive (SPST)
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Set Time (typical)
5 ms at nominal coil voltage
Reset Time (typical)
4 ms at nominal coil voltage
Dielectric Strength
4000 Vrms coil to contact (-1A, -1AB)
(at sea level)
3000 Vrms coil to contact (-2A)
1000 Vrms between contacts
2000 Vrms between contact sets
Insulation Resistance
1000 megohms min. at 20°C
500 Vdc 50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062” DA at 10 to 55 Hz
Shock
10 g functional
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
6 grams
AZ
AZ880
10 A SPST / 8 A DPST POLARIZED
SUBMINIATURE POWER RELAY
SINGLE SIDE STABLE (NON-LATCHING)
AND BISTABLE (LATCHING)
FEATURES
• Dielectric strength 4000 Vrms
• Single and dual coil latching versions available
• Epoxy sealed version available
• 10 Amp switching
• UL, CUR file E44211
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
5. Relay adjustment may be affected if undue pressure is exerted
on relay case.
6. Specifications subject to change without notice.
9/6/06W


Similar Part No. - AZ880P1-1AB-3D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880-1A-12D ZETTLER-AZ880-1A-12D Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880-1A-24D ZETTLER-AZ880-1A-24D Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880-1A-3D ZETTLER-AZ880-1A-3D Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880-1A-5D ZETTLER-AZ880-1A-5D Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
More results

Similar Description - AZ880P1-1AB-3D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com