Selected language     English  ▼


C-127-TDFB-SSC5 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part No. C-127-TDFB-SSC5
Description  155 Mbps CWDM Laser Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 6 page
background image
6
155 Mbps CWDM Laser Single Mode Transceiver
C-1XX-155-TDFB(3)-SSC5(9)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1505-Dec0705
rev. A.0
Legal Notice
Front View
Side View
Top View
Rear View
Units: mm
Package Diagram (9.8 mm SC transceiver assembly)
Side View
Rear View
x8
Top View
Front View
Units: mm
Blank: Black case
Package Diagram (10.4 mm SC transceiver assembly)
D: Black case
E: Blue case




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-15-155-TDFB-SSC10155 Mbps DFB Laser Single Mode Transceiver Ultra-LR 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-155-T-SSC7155 Mbps Single Mode Transceiver Long-Reach 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-155-FDFB-SLC5155 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-155-T-SSC5-06155 Mbps Single Mode Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-15-155-FDFB-SLC8155 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-155-T-SSC3155 Mbps Single Mode Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-155-T-SSC4155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B-15-13-155-T-SSC5155 Mbps Bi-directional Receptacle Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-622-T-SSC4622 Mbps Single Mode Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl