Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ942A Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ942A
Description  20 AMP MINIATURE AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ942A Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ942A Datasheet HTML 1Page - American Zettler, Inc. AZ942A Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
STANDARD RELAYS
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Unsealed
Sealed
VDC
VDC
VDC
±10%
6
3.2
9.9
45
AZ942A–1CT–6D
AZ942A–1CT–6DE
12
6.3
19.8
180
AZ942A–1CT–12D
AZ942A–1CT–12DE
24
12.6
39.8
720
AZ942A–1CT–24D
AZ942A–1CT–24DE
*Substitute “1AT” in place of “1CT” to indicate 1 Form A contact.
AZ942A
5/17/05W
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
WIRING DIAGRAM
5
2
1
3
4*
Viewed toward terminals
PC BOARD LAYOUT
.078
(2.0)
.480
(12.2)
.472
(12.0)
.082
(2.1)
.05
(1.3)
5 HOLES
.89
(22.5)
.65
(16.5)
.66
(16.8)
.013
(0.3)
.040
(1.0)
5 PLACES
.016
(0.4)
.138
(3.5)
*Not used on Form A relay
Viewed toward terminals
*Not used on Form A relay
*
CL
TERMINAL DIMENSIONS
Terminal Number
1
2, 5
3, 4
Dimensions
.013 X .040
.013 X .036
.013 X .040


Similar Part No. - AZ942A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ942 ETC-AZ942 Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ942-1CH-12D ETC-AZ942-1CH-12D Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942-1CH-12D AZETTLER-AZ942-1CH-12D Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ942A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9421A AZETTLER-AZ9421A Datasheet
108Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ975 AZETTLER-AZ975 Datasheet
115Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ935 AZETTLER-AZ935 Datasheet
82Kb / 2P
   20 AMP MINIATURE DUAL AUTOMOTIVE RELAY - QUIET
logo
ZETTLER Electronics
AZ977 ZETTLER-AZ977 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ934 AZETTLER-AZ934 Datasheet
132Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
logo
List of Unclassifed Man...
AZ977 ETC1-AZ977 Datasheet
39Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com