Selected language     English  ▼


C-127-155C-FDFB-SLC5S Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part No. C-127-155C-FDFB-SLC5S
Description  155 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 8 page
background image
8
155 Mbps Single Mode SFF LC Transceiver
C-1XX-155(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS850-Apr0706
Rev A.2
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
Ordering Information
C - 1XX - 155(C) - FDFB - S
LC TxPower Package - RoHS
• 1XX = Wavelength 1XX0 nm
XX=27, 29, 31, 33, 35, 37, 39, 41, 43,
45, 47, 49, 51, 53, 55, 57, 59, 61
• Communication protocol
155= LVPECL SD output
155C= LVTTL SD output
• Connector options
• Tx Power range
5 = -5 to 0 dBm
9 = 0 to +5 dBm
• FDFB = +3.3V SFF Transceiver
• Single mode fiber
Available Options:
C-1XX-155-FDFB-SLC5(S)
C-1XX-155-FDFB-SLC9(S)
C-1XX-155C-FDFB-SLC5(S)
C-1XX-155C-FDFB-SLC9(S)
Part numbering Definition:
• Package
Blank = Standard Package
S = EMI Shielding Finger Package
C-1XX-155-FDFB-SLC5(S)-G5
C-1XX-155-FDFB-SLC9(S)-G5
C-1XX-155C-FDFB-SLC5(S)-G5
C-1XX-155C-FDFB-SLC9(S)-G5
• Blank = No RoHS compliant
G5 = RoHS-5/6 compliant (lead exemption)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-155-T-SSC7155 Mbps Single Mode Transceiver Long-Reach 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-622-F-SLC622 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-15-155-TDFB-SSC10155 Mbps DFB Laser Single Mode Transceiver Ultra-LR 1 2 3 4 5 MoreSource Photonics, Inc.
NU-33B54B-R155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V 2X5 SFF Package Class B B-PON ONU Transceiver 1 2 3 4 5 Optoway Technology Inc
C-13-155-T-SSC3155 Mbps Single Mode Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-622C-F-SLC622 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-155-T-SSC4155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TRML-3102G3.3V / 1310 nm / 155 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl