Selected language     English  ▼


T-11-155-P-MFC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part No. T-11-155-P-MFC
Description  155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 1 page
background image
1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1503-NOV2905
rev. A.0
LUMINENTOIC.COM
T-11-155-X-XXX-X-XX
155Mbps PIN-TIA Receiver Modules-Receptacle
& Pigtailed 5V without AGC
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• Differential ended output
• Single +5V operation
• -40~85ºC operating temperature
• RoHS Compliant available
Packaging
• FC/ST/SC receptacle package
• SM(9/125)/MM(50/125) fiber pigtailed with optional FC/ST/SC/
MU connector
Applcation
• 155Mbps FDDI/Fast ethernet/ATM receivers
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
6
V
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Detection Range
λ
1100
1310
1650
nm
-
Gain@10Mbps Differential
G
15
18
22
V/mW
λ
=1310nm
Bandwidth
BW
120
150
-
MHz
-
Saturation Power
Psat
-
-11
-
dBm
λ
=1310nm
Sensitivity
Sens.
-
-33
-31
dBm
BER=10-10@155Mbps
Output Resistance
Rout
-
50
65
ohm
-
AC/Optical and Electrical Characteristics (Tc=25ºC)
(Operating at Vcc=5V,Tc=25ºC,RL=3000Ω, λ=1310nm, 9/125µm SM fiber)
Note: 1.Pin assignment can be customized.
2.Specifications subject to change without notice.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply
VCC
4.5
5
5.5
V
Differential Ouptput offset Voltage
Vd
-
1
-
V
Supply Current (no load)
Icc
-
-
30
mA
DC Electrical Characteristics (Tc=25ºC)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-11-155-R3-SFC-AGC155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 1 2 3 4 Source Photonics, Inc.
T-11-622-R-SFC622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V 1 2 3 4 Source Photonics, Inc.
T-11-622-R3-SFC622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 3.3V 1 2 3 4 Source Photonics, Inc.
T-11-2500-R3-SFC2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 3.3V 1 2 3 4 Source Photonics, Inc.
T-11-2500-R-SFC2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V 1 2 3 4 Source Photonics, Inc.
T-11-155-D-SSC155Mbps PIN-TIA Receiver Modules-ROSA 5V 1 2 3 Source Photonics, Inc.
T-11-155-D3-SSC155Mbps PIN-TIA Receiver Modules-ROSA 3.3V 1 2 3 Source Photonics, Inc.
T-11-1250-R3-SFCPIN-TIA Receiver Modules-Receptacle & Pigtailed 3.3V 1 2 3 4 Source Photonics, Inc.
T-11-2315T-04155Mbps PIN-TIA Receiver Modules 1 2 3 Source Photonics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl