Selected language     English  ▼


C-127-DFB-P-S Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part No. C-127-DFB-P-S
Description  CWDM Series Laser Diode Module (18 channel)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 5 page
background image
IMPORTANT NOTICE!
Allinformationcontainedinthisdocumentissubjecttochangewithoutnotice,atLuminent'ssoleandabsolutediscretion. Luminentwarrantsperformanceofits
productstocurrentspecificationsonlyinaccordancewiththecompany'sstandardone-yearwarranty;however,specificationsdesignatedas“preliminary"aregivento
describecomponentsonly,andLuminentexpresslydisclaimsanyandallwarrantiesforsaidproducts,includingexpress,implied,andstatutorywarranties,warranties
ofmerchantability,fitnessforaparticularpurpose,andnon-infringementofproprietaryrights.Pleaserefertothecompany'sTermsandConditionsofSaleforfurther
warranty information.
Luminentassumesnoliabilityforapplicationsassistance,customerproductdesign,softwareperformance,orinfringementofpatents,services,orintellectualproperty
describedherein.Nolicense,eitherexpressorimplied,isgrantedunderanypatentright,copyright,orintellectualpropertyright,andLuminentmakesnorepresenta-
tionsorwarrantiesthattheproduct(s)describedhereinarefreefrompatent,copyright,orintellectualpropertyrights.ProductsdescribedinthisdocumentareNOT
intendedforuseinimplantationorotherlifesupportapplicationswheremalfunctionmayresultininjuryordeathtopersons. Luminentcustomersusingorselling
productsforuseinsuchapplicationsdosoattheirownriskandagreetofullydefendandindemnifyLuminentforanydamagesresultingfromsuchuseorsale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS. Customer agrees that Luminent is not liable for any actual,
consequential,exemplary,orotherdamagesarisingdirectlyorindirectlyfromanyuseoftheinformationcontainedinthisdocument. CustomermustcontactLumi-
nent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2005
All rights reserved
HandlingPrecautions:Thisdeviceissusceptibletodamageasaresultofelectrostaticdischarge(ESD).Astaticfreeenvironmentishighlyrecommended.Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
5
CWDM Series Laser Diode Module (18 channel)
C-XXXXX-DFB-XX-SXXXI/XXX-X-XX
LUMNDS891-OCT1905
rev. A.0
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
"-" =Wavelength ±2nm
1410=1410 nm
1350=1350 nm
1390=1390 nm
1370=1370 nm
1270=1270 nm
1290=1290 nm
1310=1310 nm
1330=1330 nm
1430=1430 nm
Wavelength
Fiber Output Power
Pin Assignment
P=Pigtail
T=TOSA
"-"=A Type
Package
R=Receptacle
D =DType
B =B Type
FC/ST/SC/MU/LC/-
Connector
"I" = Isolator
L/M/H/2
APC = APC Fiber
- = PC Fiber
Flange type (-;O;V;K)
RoHS Compliant
-/G5/R5
Blank = RoHS non-compliant product
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)
C-XXXXX-DFB-XX-SXXXI/XXX-X-XX
1530=1530 nm
1510=1510 nm
1490=1490 nm
1470=1470 nm
1570=1570 nm
1590=1590 nm
1550=1550 nm
1610=1610 nm
1450=1450 nm
"A"=Wavelength ±3nm




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-1470-DFB2.5-PD-SFC1470 nm Series 2.5 Gbps CWDM Laser Diode Modules 1 2 3 Source Photonics, Inc.
MU4-940-044W 940nm Uncooled Multimode Laser Diode Module 1 2 3 Bookham, Inc.
NX7461LE-CC1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION 150 mW MIN 1 2 3 4 5 California Eastern Labs
MU8-940-018W 940nm Uncooled Multimode Laser Diode Module 1 2 3 4 Bookham, Inc.
C-15-DFBA-PB-SFCHIAnalog 1550 nm MQW-DFB Laser Diode Module 1 2 3 Source Photonics, Inc.
NX7462LE-CC1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION 120 mW MIN 1 2 3 4 5 California Eastern Labs

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl