Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ941-1CW-24DB Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ941-1CW-24DB
Description  MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ941-1CW-24DB Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ941-1CW-24DB Datasheet HTML 1Page - American Zettler, Inc. AZ941-1CW-24DB Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ941
8/7/03W
CONTACTS
Arrangement
SPDT (1 Form C)
Form A available upon request
Ratings
Resistive load
Light Duty
Max. switched power: 90 W or 750 VA
Max. switched current: 3 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: 3 A at 30 VDC or 250 VAC
Medium Duty
Max. switched power: 150 W or 1250 VA
Max. switched current: 6 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: 5 A at 30 VDC
6 A at 125 VAC
1
/10 HP @ 125 VAC
Heavy Duty
Max. switched power: 300 W or 2500 VA
Max. switched current: 16 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: 5 A at 30 VDC
16 A at 125 VAC
10 A at 277 VAC
1
/4 HP @ 125 VAC
1
/2 HP @ 250 VAC
Extra Heavy
Max. switched power: 300 W or 4000 VA
Duty
Max. switched current: 16 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: 16 A at 125 VAC
10 A at 30 VDC
*Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver cadmium oxide
Resistance
< 100 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1x107
Electrical
1 x 105 at 12 A 120 VAC Res.
Operate Time (typical)
6 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1500 Vrms contact to coil
(at sea level for 1 min.) 750 Vrms contact to contact
Meets FCC part 68.302 1500 V lightning
surge
Meets FCC part 68.304 1000 V dielectric
Insulation Resistance
100 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating (Standard) -40°C (-40°F) to 85°C (185°F)
Operating (Class B)
-40°C (-40°F) to 95°C (203°F)
Storage
(Standard) -40°C (-40°F) to 105°C (221°F)
Storage
(Class B)
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–55Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
13 grams
MINIATURE
PC BOARD RELAY
FEATURES
• Contacts rated at 3, 5, 10 or 16 Amps
• DC coils to 48 V
• Extremely low cost
• Life expectancy to 10 million operations
• Epoxy sealed versions available
• UL, CUR file E44211; VDE 10056
• Class B and F available
COIL
Power
At Pickup Voltage
230 mW
(typical)
Max Continuous
1.4 W 20°C (68°F) ambient, standard
Dissipation
1.7 W 20°C (68°F) ambient, Class B
Temperature Rise
27°C (49°F) nominal coil voltage
Temperature
Max. 105°C (221°F)
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
Only AZ941-1CT version is VDE approved at 7A, 250 VAC.
5
5


Similar Part No. - AZ941-1CW-24DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941-1CW-24DB ETC-AZ941-1CW-24DB Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941-1CW-24DB ZETTLER-AZ941-1CW-24DB Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ941-1CW-24DB

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com