Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDP-S-30B-M-SFCD-GR Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # EDP-S-30B-M-SFCD-GR
Description  ELED Pigtailed Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

EDP-S-30B-M-SFCD-GR Datasheet(HTML) 1 Page - Source Photonics, Inc.

  EDP-S-30B-M-SFCD-GR Datasheet HTML 1Page - Source Photonics, Inc. EDP-S-30B-M-SFCD-GR Datasheet HTML 2Page - Source Photonics, Inc. EDP-S-30B-M-SFCD-GR Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
EDP-S-30B-X-XXXX-XX
ELED Pigtailed Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS760-JUL1206
rev. A.1
LUMINENTOIC.COM
Features
• 1300nm Wavelength
• High Optical Power
• High Operating Current
• High Operating Temperature
• Low Modal Noise
• Single mode/ Multi mode fiber pigtailed with
optional FC/ST/SC/without connector
• For Datacom or Measurement Application
• RoHS compliant available
Parameter
Symbol
Condition
Rating
Unit
Reverse Voltage
Vr
CW
2.5
V
Forward Current
If
CW
150
mA
Operating Temperature
Topr
-
-20 ~ 70
ºC
Storage Temperature
Tstg
-
-40 ~ 85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Center Wavelength
λ
C
1260
1300
1340
nm
CW
Spectral Width
∆λ
30
-
80
nm
CW(FWHM)
Operating Current
Iop
-
40
60
mA
CW
Output Power (SM, 9/125µm)
L
M
H
P
O
10
20
30
20
30
45
-
-
-
µW
CW at Iop=40mA
Output Power (MM, 50/125µm)
L
M
H
P
O
20
30
50
30
45
75
-
-
-
µW
CW at Iop=40mA
Spectral Ripple
-
-
10
%
λ
C±10nm
Foward Voltage
Vf
-
1.2
2.0
V
CW
Rise Time
Tr
-
1.5
-
ns
Fall Time
Tf
-
2.5
-
ns
Output Power Variation
-
4
-
dB
25ºC to 70ºC
Optical and Electrical Characteristics 1300nm (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM & 50/125µm MM fiber)


Similar Part No. - EDP-S-30B-M-SFCD-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDP-L-30B-H-SFCC-A SOURCE-EDP-L-30B-H-SFCC-A Datasheet
476Kb / 3P
   ELED Pigtailed Module
EDP-L-30B-H-SFCC-N SOURCE-EDP-L-30B-H-SFCC-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
EDP-L-30B-H-SFCC-P SOURCE-EDP-L-30B-H-SFCC-P Datasheet
476Kb / 3P
   ELED Pigtailed Module
EDP-L-30B-H-SFCD-A SOURCE-EDP-L-30B-H-SFCD-A Datasheet
476Kb / 3P
   ELED Pigtailed Module
EDP-L-30B-H-SFCD-N SOURCE-EDP-L-30B-H-SFCD-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
More results

Similar Description - EDP-S-30B-M-SFCD-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDP-L-30B-L-SSCN-N SOURCE-EDP-L-30B-L-SSCN-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Source Photonics, Inc.
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-L-30B-L-SSTA SOURCE-EDR-L-30B-L-SSTA Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L30B-L-SSCH SOURCE-EDR-L30B-L-SSCH Datasheet
511Kb / 4P
   ELED SC Receptacle
EDR-L-30B-L-NSTA SOURCE-EDR-L-30B-L-NSTA Datasheet
493Kb / 3P
   ELED ST Receptacle
EDR-S-30B-L-SSTA SOURCE-EDR-S-30B-L-SSTA Datasheet
429Kb / 3P
   ELED ST Receptacle
EDR-L-30B-L-SFCE SOURCE-EDR-L-30B-L-SFCE Datasheet
334Kb / 4P
   ELED FC Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com