Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S180A-12S-2 Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-S180A-12S-2
Description  LED NUMERIC DISPLAY, 1 DIGIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S180A-12S-2 Datasheet(HTML) 1 Page - BetLux Electronics

  BL-S180A-12S-2 Datasheet HTML 1Page - BetLux Electronics BL-S180A-12S-2 Datasheet HTML 2Page - BetLux Electronics BL-S180A-12S-2 Datasheet HTML 3Page - BetLux Electronics BL-S180A-12S-2 Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.betlux.com
LED NUMERIC DISPLAY, 1 DIGIT
BL-S180X-12
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
45.00mm (1.8”) Single digit numeric display series
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S180A-12S-XX
BL-S180B-12S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
30
BL-S180A-12D-XX
BL-S180B-12D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
60
BL-S180A-12UR-XX
BL-S180B-12UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
65
BL-S180A-12E-XX
BL-S180B-12E-XX
Orange
GaAsP/GaP
635
2.10
2.50
40
BL-S180A-12Y-XX
BL-S180B-12Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
40
BL-S180A-12G-XX
BL-S180B-12G-XX
Green
GaP/GaP
570
2.20
2.50
40
Ultra Bright
Electrical-optical characteristics: (Ta=25
) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S180A-12UHR-X
X
BL-S180B-12UHR-X
X
Ultra Red
AlGaInP
645
2.10
2.50
65
BL-S180A-12UE-XX
BL-S180B-12UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
45
BL-S180A-12YO-XX
BL-S180B-12YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
45
BL-S180A-12UY-XX
BL-S180B-12UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
45
BL-S180A-12UG-XX
BL-S180B-12UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
50
BL-S180A-12PG-XX
BL-S180B-12PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
70
BL-S180A-12B-XX
BL-S180B-12B-XX
Ultra Blue
InGaN
470
2.70
4.20
40
BL-S180A-12W-XX
BL-S180B-12W-XX
Ultra White
InGaN
/
2.70
4.20
55
-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-S180A-12S-2

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S180A-12S-XX BETLUX-BL-S180A-12S-XX Datasheet
318Kb / 5P
   45.00mm (1.8) Single digit Seven Segment LED display series
More results

Similar Description - BL-S180A-12S-2

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S30A-15S BETLUX-BL-S30A-15S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S30C-11S BETLUX-BL-S30C-11S Datasheet
124Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S36A-11S BETLUX-BL-S36A-11S Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S180E-11S BETLUX-BL-S180E-11S Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S200A-11S BETLUX-BL-S200A-11S Datasheet
87Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S230C-11S BETLUX-BL-S230C-11S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11S BETLUX-BL-S300A-11S Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S400C-11S BETLUX-BL-S400C-11S Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S400G-11S BETLUX-BL-S400G-11S Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S80A-15S BETLUX-BL-S80A-15S Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S80C-11S BETLUX-BL-S80C-11S Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com