Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ920-1AH-18D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ920-1AH-18D
Description  ULTRA-SENSITIVE SUBMINIATURE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ920-1AH-18D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ920-1AH-18D Datasheet HTML 1Page - American Zettler, Inc. AZ920-1AH-18D Datasheet HTML 2Page - American Zettler, Inc. AZ920-1AH-18D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COIL
Power
At Pickup Voltage
58 mW (5-18 V and 24 V sensitive coils)
(typical)
88 mW (24 V coil)
Max. Continuous
1.3 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
12°C (22°F) at nominal coil voltage (5-18 V coils)
17°C (31°F) at nominal coil voltage (24 V coil)
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
AZ
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
20 million operations
Electrical
1 X 105 at 5 A, 30 VDC or 250 VAC
Operate Time (typical)
6 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1000 Vrms between open contacts
(at sea level for 1 min.) 2500 Vrms contact to coil
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 120°C (248°F)
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–55 Hz
Shock
15 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
3 grams
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
CONTACTS
Arrangement
SPST (1 Form A), single button contact or bifurcated
Ratings
Resistive load:
Max. switched power: 150 W or 1250 VA
Max. switched current: 5 A
Max. switched voltage: 150* VDC or 250 VAC
UL Rating:
5 A at 30 VDC or 250 VAC General Use, 100k cycles [1]
TÜV Rating
5 A at 30 VDC or 250 VAC Resistive, 100k cycles [1]
3 A at 30 VDC or 250 VAC General Use, 75k cycles [2]
3 A at 30 VDC or 250 VAC Resistive, 75k cycles [2]
[1] Single button contacts
[2] Bifurcated contacts
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver nickel, silver tin oxide or silver cadmium oxide,
gold plating available
Resistance
< 50 milliohms initially
(1 A, 6 VDC method)
AZ920
ULTRA-SENSITIVE
SUBMINIATURE RELAY
FEATURES
• Extremely small footprint utilizing only 0.16 square inch
of PCB area
• Thin vertical profile only 0.2" wide
• Slim SIP package
• 1 Form A contact with up to 5 Amp switching capability
• High sensitivity, 58 mW pickup
• Dielectric strength 2000 Vrms contact to coil
• Bifurcated contacts available
• Epoxy sealed for automatic wave soldering
and cleaning
• Class B (130°C) standard
• Class F (155°C) versions available
• UL,CUR file E43203
• TÜV file R50018790
2/20/08W


Similar Part No. - AZ920-1AH-18D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ920-1A-12DE ETC-AZ920-1A-12DE Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920-1A-12DE ZETTLER-AZ920-1A-12DE Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920-1A-18DE ETC-AZ920-1A-18DE Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920-1A-18DE ZETTLER-AZ920-1A-18DE Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920-1A-24DE ETC-AZ920-1A-24DE Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
More results

Similar Description - AZ920-1AH-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920 ZETTLER-AZ920 Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ9201 AZETTLER-AZ9201 Datasheet
498Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ8222 AZETTLER-AZ8222 Datasheet
96Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
List of Unclassifed Man...
AZ826 ETC2-AZ826 Datasheet
157Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
American Zettler, Inc.
AZ826 AZETTLER-AZ826 Datasheet
87Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com