Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ942H-1C-3D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ942H-1C-3D
Description  12 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ942H-1C-3D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ942H-1C-3D Datasheet HTML 1Page - American Zettler, Inc. AZ942H-1C-3D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At Pickup Voltage
230 mW
(typical)
Max Continuous
Class B: 1.7 W at 20°C (68°F) ambient
Dissipation
Class F: 2.2 W at 20°C (68°F) ambient
Temperature Rise
25°C (45°F) at nominal coil voltage
Temperature
Class B: Max. 130°C (266°F)
Class F: Max. 155°C (311°F)
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load
Form A
Max. switched power: 196 W or 2770 VA
Max. switched current: 12 A
Max. switched voltage: 150 VDC* or 300 VAC
UL Rating: 10 A at 28 VDC, 100k cycles [1] [2]
10 A at 277 VAC, 100k cycles [1]
10 A at 277 VAC, 25k cycles [2]
Form C
Max. switched power: 196 W or 1939 VA
Max. switched current: 12 A
Max. switched voltage: 150 VDC* or 300 VAC
UL Rating: 7 A at 28 VDC, 100k cycles [1] [2]
12 A at 125 VAC, 100k cycles [1]
12 A at 125 VAC, 100k cycles N.O. [2]
12 A at 125 VAC, 50k cycles N.C. [2]
7 A at 277 VAC, 100k cycles [1] [2]
4 FLA / 4 LRA at 240VAC 100k cycles,
N.O. [2]
2 FLA / 4 LAR at 240 VAC 100k cycles,
N.C. [2]
[1] Silver cadmium oxide
[2] Silver tin oxide
*NOTE: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver cadmium oxide or silver tin oxide
Resistance
<100 milliohms initially
(24 V, 1 A voltage drop method)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1x107
Electrical
1 x 105 at 10A 277 VAC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
3000 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms across contacts
Insulation Resistance
100 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Class B: -40°C(-40°F) to 100°C(212°F)
Class F: -40°C(-40°F) to 120°C(248°F)
Storage
Class B: -55°C(-67°F) to 130°C(266°F)
Class F: -55°C(-67°F) to 155°C(311°F)
Vibration
0.062" DA at 10–55Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
13 g
AZ942H
5/15/05W
12 AMP
MINIATURE
PC BOARD RELAY
FEATURES
• Extremely low cost
• High switching capacity — 12 Amps
• DC coils to 48 VDC
• Class B insulation for high temperature operation
• Class F insulation available
• Meets IEEE 587 6 kV lightning surge
• UL, CUR file E43203
• VDE approved models available, please contact the
factory


Similar Part No. - AZ942H-1C-3D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ942H-1C-3DT ZETTLER-AZ942H-1C-3DT Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
AZ942H-1C-3DTH ZETTLER-AZ942H-1C-3DTH Datasheet
52Kb / 2P
   12 AMP MINIATURE MINIATURE
More results

Similar Description - AZ942H-1C-3D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRUDH MACOM-SRUDH Datasheet
118Kb / 2P
   12 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com