Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-48-SR1-TDA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-48-SR1-TDA
Description  OC-48 SR-1/STM-16 I-16 SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-48-SR1-TDA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-48-SR1-TDA Datasheet HTML 1Page - Source Photonics, Inc. SP-48-SR1-TDA Datasheet HTML 2Page - Source Photonics, Inc. SP-48-SR1-TDA Datasheet HTML 3Page - Source Photonics, Inc. SP-48-SR1-TDA Datasheet HTML 4Page - Source Photonics, Inc. SP-48-SR1-TDA Datasheet HTML 5Page - Source Photonics, Inc. SP-48-SR1-TDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
OC-48 SR-1/STM-16 I-16 SFP Transceiver
SP-48-SR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1521-FEB1006
rev.A.0
LUMINENTOIC.COM
Features
• Data rate 2.488 Gb/s
• Single 3.3 V supply
• 2 km reach
•10 dB min. link budget
• Commercial and Industrial temperature available
• 1310 FP laser
• SFP MSA SFF-8074i compliant
• GR 253/STM G.957 compliant
• Digital Diagnostic SFF-8472 compliant
• Telcordia GR-468 compliant
• RoHS 5/6 compliant (Lead Exemption)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Case Temperature (-Txx)
Topr
-40
-
85
ºC
Operating Case Temperature (-Cxx)
Topr
-5
-
70
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate OC48/STM-16
DR
-
2488.32
-
Mbps
General Operating
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-10
-5
-3
dBm
Average Launch Power of Off Tx
Poff
-
-
-30
dBm
Extinction Ratio (dynamic)
ER
8.2
-
-
dB
Eye Mask
SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.002
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
-
160
ps
Mean Wavelength
λ
1266
-
1360
nm
Maximum RMS Width
∆λ
-
-
4
nm
Dispersion Penalty at 12ps/nm(4Km)c
dp
-
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflectance Toleranced
rp
-24
-
-
dB
Transmitter Specifications, Optical
b) 20%-80% values
c) Measured at BER of 10-10, PRBS of 223-1, at eye center
d) 1dB degradation of receiver sensitivity
a) 20Hz to 155MHz


Similar Part No. - SP-48-SR1-TDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-48-IR1-CDA SOURCE-SP-48-IR1-CDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR1-CNA SOURCE-SP-48-IR1-CNA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR1-RDA SOURCE-SP-48-IR1-RDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR1-RNA SOURCE-SP-48-IR1-RNA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR2-CDA SOURCE-SP-48-IR2-CDA Datasheet
472Kb / 7P
   OC-48 IR-2/STM-16 S-16.2 SFP Transceiver
More results

Similar Description - SP-48-SR1-TDA

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1321P1WTL FINISAR-FTRJ1321P1WTL Datasheet
673Kb / 11P
   OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
FTLF1321P1TL FINISAR-FTLF1321P1TL Datasheet
687Kb / 11P
   OC-48 SR/STM I-16 RoHS Compliant Pluggable SFP Transceiver
FTLF1321P1WTL FINISAR-FTLF1321P1WTL Datasheet
700Kb / 11P
   OC-48 SR/STM I-16 RoHS Compliant Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
logo
Source Photonics, Inc.
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
SP-48-IR1-CDA SOURCE-SP-48-IR1-CDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR2-CDA SOURCE-SP-48-IR2-CDA Datasheet
472Kb / 7P
   OC-48 IR-2/STM-16 S-16.2 SFP Transceiver
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com