Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-MR-LR1-RDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-MR-LR1-RDA
Description  Multi-Rate SFP Transceiver(LR1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-MR-LR1-RDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-MR-LR1-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-MR-LR1-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-MR-LR1-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-MR-LR1-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-MR-LR1-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-MR-LR1-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-MR-LR1-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Multi-Rate SFP Transceiver(LR1)
SP-MR-LR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1529-Oct2907
Rev A.2
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature(-CDx)
-5 to 70
± 3
º C
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Temperature(-RDx)
-20 to 85
± 3
º C
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Temperature(-TDx)
-40 to 85
± 3
º C
External
Tc(C) = Tslope*Tad(16 bit signed twos complement value) + Toffset
Voltage
0 to Vcc
0.1
V
External
V(Volts) = Vslope*Vad (16 bit unsigned integer) + Voffset
Bias Current
0 to 120
5
mA
External
I(mA)=Islope*Iad(16 bit unsigned integer)+Ioffset
TX Power
-2 to 3
±3 dB
dBm
External
TX_PWR(µW)=TX_PWRslope*TX_PWRad(16 bit unsigned integer
+TX_PWRoffset
RX Power
-27 to -9
±3 dB
dBm
External
RX_PWR(µW)=A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics
Name of Field
Description of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor Name(ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE Vendor OUI Code For LuminentOIC Inc.
37
00
38
06
39
B5
Vendor PN
Part Number in ASCII, e.g.
SP-MR-LR1-CDA
40
53
S
41
50
P
42
4D
M
43
52
R
44
4C
L
45
52
R
46
31
1
47
43
C
48
44
D
49
41
A
EEPROM Serial ID


Similar Part No. - SP-MR-LR1-RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
More results

Similar Description - SP-MR-LR1-RDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SP-MR-LR2 SOURCE-SP-MR-LR2 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR2)
SP-MR-IR2-CDA SOURCE-SP-MR-IR2-CDA Datasheet
499Kb / 5P
   Multi-Rate SFP Transceiver(IR2)
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com