Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-149-TDFB-SSC9 Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # C-149-TDFB-SSC9
Description  155 Mbps CWDM Laser Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-149-TDFB-SSC9 Datasheet(HTML) 7 Page - Source Photonics, Inc.

  C-149-TDFB-SSC9 Datasheet HTML 1Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 2Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 3Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 4Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 5Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 6Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 7Page - Source Photonics, Inc. C-149-TDFB-SSC9 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
155 Mbps CWDM Laser Single Mode Transceiver
C-1XX-155-TDFB(3)-SSC5(9)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1505-Dec0705
rev. A.0
Ordering Information
C - 1XX - 155 - TDFB(3) - S SC TxPower Temperature and Package RoHS compliance
• Tx Wavelength=1XX0 nm
XX= 27, 29, 31, 33, 35, 37, 39, 41,
43, 45, 47, 49, 51, 53, 55, 57,
59, 61
• Communication protocol
(155 Mbps)
• Connector options
• DFB laser Transceiver
TDFB3= +3.3V
TDFB= +5V
• Single mode fiber
Part numbering Definition:
Available Options:
C-127-155-TDFB(3)-SSC5(9)(-G5)
C-129-155-TDFB(3)-SSC5(9)(-G5)
C-131-155-TDFB(3)-SSC5(9)(-G5)
C-133-155-TDFB(3)-SSC5(9)(-G5)
C-135-155-TDFB(3)-SSC5(9)(-G5)
C-137-155-TDFB(3)-SSC5(9)(-G5)
C-139-155-TDFB(3)-SSC5(9)(-G5)
C-141-155-TDFB(3)-SSC5(9)(-G5)
C-143-155-TDFB(3)-SSC5(9)(-G5)
C-145-155-TDFB(3)-SSC5(9)(-G5)
C-147-155-TDFB(3)-SSC5(9)(-G5)
C-149-155-TDFB(3)-SSC5(9)(-G5)
C-151-155-TDFB(3)-SSC5(9)(-G5)
C-153-155-TDFB(3)-SSC5(9)(-G5)
C-155-155-TDFB(3)-SSC5(9)(-G5)
C-157-155-TDFB(3)-SSC5(9)(-G5)
C-159-155-TDFB(3)-SSC5(9)(-G5)
C-161-155-TDFB(3)-SSC5(9)(-G5)
• Power range
5 = -5 to 0 dBm
9 = 0 to +5 dBm
C-127-155-TDFB(3)-SSC5(9)D(-G5)
C-129-155-TDFB(3)-SSC5(9)D(-G5)
C-131-155-TDFB(3)-SSC5(9)D(-G5)
C-133-155-TDFB(3)-SSC5(9)D(-G5)
C-135-155-TDFB(3)-SSC5(9)D(-G5)
C-137-155-TDFB(3)-SSC5(9)D(-G5)
C-139-155-TDFB(3)-SSC5(9)D(-G5)
C-141-155-TDFB(3)-SSC5(9)D(-G5)
C-143-155-TDFB(3)-SSC5(9)D(-G5)
C-145-155-TDFB(3)-SSC5(9)D(-G5)
C-147-155-TDFB(3)-SSC5(9)D(-G5)
C-149-155-TDFB(3)-SSC5(9)D(-G5)
C-151-155-TDFB(3)-SSC5(9)D(-G5)
C-153-155-TDFB(3)-SSC5(9)D(-G5)
C-155-155-TDFB(3)-SSC5(9)D(-G5)
C-157-155-TDFB(3)-SSC5(9)D(-G5)
C-159-155-TDFB(3)-SSC5(9)D(-G5)
C-161-155-TDFB(3)-SSC5(9)D(-G5)
C-127-155-TDFB(3)-SSC5(9)E(-G5)
C-129-155-TDFB(3)-SSC5(9)E(-G5)
C-131-155-TDFB(3)-SSC5(9)E(-G5)
C-133-155-TDFB(3)-SSC5(9)E(-G5)
C-135-155-TDFB(3)-SSC5(9)E(-G5)
C-137-155-TDFB(3)-SSC5(9)E(-G5)
C-139-155-TDFB(3)-SSC5(9)E(-G5)
C-141-155-TDFB(3)-SSC5(9)E(-G5)
C-143-155-TDFB(3)-SSC5(9)E(-G5)
C-145-155-TDFB(3)-SSC5(9)E(-G5)
C-147-155-TDFB(3)-SSC5(9)E(-G5)
C-149-155-TDFB(3)-SSC5(9)E(-G5)
C-151-155-TDFB(3)-SSC5(9)E(-G5)
C-153-155-TDFB(3)-SSC5(9)E(-G5)
C-155-155-TDFB(3)-SSC5(9)E(-G5)
C-157-155-TDFB(3)-SSC5(9)E(-G5)
C-159-155-TDFB(3)-SSC5(9)E(-G5)
C-161-155-TDFB(3)-SSC5(9)E(-G5)
• Temperature range and package
Blank = commercial temperature(0 to 70 ºC), 10.4 mm, Black case
D = commercial temperature(0 to 70 ºC), 9.8 mm, Black case
E = commercial temperature(0 to 70 ºC), 9.8 mm, Blue case
• Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)


Similar Part No. - C-149-TDFB-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-149-1250-FDFB-SLC2 SOURCE-C-149-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC2-G5 SOURCE-C-149-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC3 SOURCE-C-149-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC3-G5 SOURCE-C-149-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-149-1250-FDFB-SLC4 SOURCE-C-149-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-149-TDFB-SSC9

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100-CXX0G OPTOWAY-SPS-33100-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160-CXX0G OPTOWAY-SPS-33160-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com