Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-155-TDFB-SSC9 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # C-155-TDFB-SSC9
Description  155 Mbps CWDM Laser Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-155-TDFB-SSC9 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  C-155-TDFB-SSC9 Datasheet HTML 1Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 2Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 3Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 4Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 5Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 6Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 7Page - Source Photonics, Inc. C-155-TDFB-SSC9 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
155 Mbps CWDM Laser Single Mode Transceiver
C-1XX-155-TDFB(3)-SSC5(9)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1505-Dec0705
rev. A.0
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-35
dBm
Measured with 223-1 PRBS with 72 ones and
72 zeros, C-1XX-155-TDFB(3)-SSC5
Sensitivity
-
-
-
-37
dBm
Measured with 223-1 PRBS with 72 ones and
72 zeros, C-1XX-155-TDFB(3)-SSC9
Maximum Input Power
Pin
0
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-35
dBm
Measured on transition: low to high,
C-1XX-155-TDFB(3)-SSC5
Signal Detect-Asserted
Pa
-
-
-37
dBm
Measured on transition: low to high,
C-1XX-155-TDFB(3)-SSC9
Signal Detect-Deasserted
Pd
-47
-
-
dBm
Measured on transition: high to low,
C-1XX-155-TDFB(3)-SSC5
Signal Detect-Deasserted
Pd
-48
-
-
dBm
Measured on transition: high to low,
C-1XX-155-TDFB(3)-SSC9
Signal Detect-Hysteresis
1.0
-
4.0
dB
Wavelength of Operation
1100
-
1620
nm
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Note
Electrical
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load current
Data Output Voltage-Low
VOL -Vcc
-2.0
-
-1.58
V
These outputs are compatible with 10K, 10KH
and 100KECL and PECL outputs
Data Output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-2.0
-
-1.58
V
Signal Detect Output Voltage-High VSDH- Vcc
1.1
-
0.74
V
Receiver Specifications


Similar Part No. - C-155-TDFB-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-155-1250-FDFB-SLC2 SOURCE-C-155-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-155-1250-FDFB-SLC2-G5 SOURCE-C-155-1250-FDFB-SLC2-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-155-1250-FDFB-SLC3 SOURCE-C-155-1250-FDFB-SLC3 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-155-1250-FDFB-SLC3-G5 SOURCE-C-155-1250-FDFB-SLC3-G5 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-155-1250-FDFB-SLC4 SOURCE-C-155-1250-FDFB-SLC4 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-155-TDFB-SSC9

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100-CXX0G OPTOWAY-SPS-33100-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160-CXX0G OPTOWAY-SPS-33160-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com