Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ946 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ946
Description  MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ946 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ946 Datasheet HTML 1Page - American Zettler, Inc. AZ946 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At Pickup Voltage
384 mW
(typical)
Max. Continuous
1.2 W at 20°C (68°F)
Dissipation
Temperature Rise
35°C (63°F)
Max. Temperature
105°C (221°F)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
2 x 107
Electrical
1 x 105 5 A 277 VAC Res.
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1000 Vrms coil to contact
(at sea level for 1 min.)
750 Vrms between open contacts
1000 Vrms contact set to contact set
Insulation
100 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-10°C (14°F) to 60°C (140°F)
Storage
-10°C (14°F) to 105°C (221°F)
Vibration
0.062" DA at 5–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max.Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
12 grams
CONTACTS
Arrangement
2 Form C (DPDT)
Max. Ratings
Noninductive load:
Max. switched power:
180 W or 1385 VA
Max. switched current:
6 A
Max. switched voltage: 150* VDC or 300 VAC
UL Rating: 5 A at 30 VDC resistive, 100k cycles
5 A at 277 VAC general use
(100k cycles)
6 A at 30 VDC resistive
6 A at 125 VAC resistive
* If switching voltage is greater than 30 VDC
special precautions must be taken. Please
contact the factory
Material
Silver Cadmium Oxide, gold plated
Resistance
100 milliohms max.
(6 V 1 A method)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
4. Unsealed relays should not be dipped cleaned
AZ946
5/20/04W
MINIATURE
PC BOARD RELAY
FEATURES
• Subminiature size
• Coils to 48 VDC
• Epoxy sealed for automatic wave soldering
• Contacts rated at 6 Amps
• Life expectancy to 20 million operations
• Extremely low cost
• UL, CUR file E43203


Similar Part No. - AZ946

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946-2C-12DS ZETTLER-AZ946-2C-12DS Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946-2C-12DS ZETTLER-AZ946-2C-12DS Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946-2C-12DSE ZETTLER-AZ946-2C-12DSE Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ946

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com