Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-48-IR-53CNA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPC-48-IR-53CNA
Description  CWDM 50 Km OC-48/STM-16 SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-48-IR-53CNA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPC-48-IR-53CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-48-IR-53CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-48-IR-53CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-48-IR-53CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-48-IR-53CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-48-IR-53CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-48-IR-53CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
CWDM 50 Km OC-48/STM-16 SFP Transceiver
SPC-48-IR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1536-FEB2706
rev. A.0
λ Wavelength Ordering
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
Code
λC
Unit
31
1310
nm
39
1390
nm
47
1470
nm
55
1550
nm
33
1330
nm
41
1410
nm
49
1490
nm
57
1570
nm
35
1350
nm
43
1430
nm
51
1510
nm
59
1590
nm
37
1370
nm
45
1450
nm
53
1530
nm
61
1610
nm
λc Wavelength Guide
SPC-48-IR-xxCDA
See table below for “XX” values
Parameter
Range
Accuracy Unit Calibration
Formula
Temperature(-CDx)
-5 to 70
± 3
º C
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Temperature(-RDx)
-20 to 85
± 3
º C
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
V(Volts)=Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
I(mA)=Islope*Iad(16 bit unsigned integer)+Ioffset
TX Power
-5 to 0
±3 dB
dBm
External
TX_PWR(µW)=TX_PWRslope*TX_PWRad(16 bit unsigned integer +TX_PWRoffset
RX Power
-24 to 0
±3 dB
dBm
External
RX_PWR(µW)=A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics


Similar Part No. - SPC-48-IR-53CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-31CNA SOURCE-SPC-48-LR-31CNA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-31RDA SOURCE-SPC-48-LR-31RDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-31RNA SOURCE-SPC-48-LR-31RNA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SPC-48-LR-33CDA SOURCE-SPC-48-LR-33CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
More results

Similar Description - SPC-48-IR-53CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
SP-48-IR1-CDA SOURCE-SP-48-IR1-CDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-SR1-CDA SOURCE-SP-48-SR1-CDA Datasheet
512Kb / 6P
   OC-48 SR-1/STM-16 I-16 SFP Transceiver
logo
Finisar Corporation.
FTRJ1321P1WTL FINISAR-FTRJ1321P1WTL Datasheet
673Kb / 11P
   OC-48 SR/STM I-16 Multirate Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SP-48-IR2-CDA SOURCE-SP-48-IR2-CDA Datasheet
472Kb / 7P
   OC-48 IR-2/STM-16 S-16.2 SFP Transceiver
logo
Finisar Corporation.
FTLF1321P1TL FINISAR-FTLF1321P1TL Datasheet
687Kb / 11P
   OC-48 SR/STM I-16 RoHS Compliant Pluggable SFP Transceiver
FTLF1321P1WTL FINISAR-FTLF1321P1WTL Datasheet
700Kb / 11P
   OC-48 SR/STM I-16 RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com