Selected language     English  ▼


T-11-1250M-R3-MFC-GR Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part No. T-11-1250M-R3-MFC-GR
Description  1.25Gbps PIN-TIA Receiver Module-Receptacle (5pin-out, 3.3V)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 2 page
background image
2
T-11-1250M-R3-XXX-XX
1.25Gbps PIN-TIA Receiver Module-Receptacle
(5pin-out, 3.3V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1555-APR1106
rev. A.0
LUMINENTOIC.COM
Pin Assignment
Packaging Dimension
Units in mm.
Functional Schematic
PD
GND
Imon
Vcc(+3.3V)
Dout
Dout
2~Vcc
4~Imon
5~Dout
3~GND(CASE)
Pin Assignment
1~Dout
Part Number: T-11-1250M-R3-XXX-XX
SC Receptacle
ST Receptacle
3/8"-24 UNF
metal
plastic
FC Receptacle
metal




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-11-622M-R3-SFC622Mbps PIN-TIA Receiver Module-Receptacle 5pin-out 3.3V 1 2 3 Source Photonics, Inc.
T-11-1250-D3-SSC1.25Gbps PIN-TIA Receiver Modules-ROSA 3.3V 1 2 3 Source Photonics, Inc.
T-11-1250-P3-SFC-APC1.25Gbps 3.3V PIN-TIA Receiver Modules- Pigtailed APC Type 1 2 3 Source Photonics, Inc.
T-11-1250M1.25Gbps PIN-TIA Receiver Module-Receptacle 1 2 3 List of Unclassifed Manufacturers
T-11-1250-D-SSC1.25Gbps PIN-TIA Receiver Modules-ROSA 5V 1 2 3 Source Photonics, Inc.
PT-93303.3V / 2.5 Gbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
T-11-622-D3-SSC622Mbps PIN-TIA Receiver Modules-ROSA 3.3V 1 2 3 Source Photonics, Inc.
PT-95303.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
T-11-622-R3-SFC622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 3.3V 1 2 3 4 Source Photonics, Inc.
PT-331303.3V / 1.3 μm / 155 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl