Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-GB-EZX-39CNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-GB-EZX-39CNA
Description  CWDM 120 Km Gigabit Ethernet SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-GB-EZX-39CNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-GB-EZX-39CNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-GB-EZX-39CNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-GB-EZX-39CNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-GB-EZX-39CNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-GB-EZX-39CNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-GB-EZX-39CNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-GB-EZX-39CNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CWDM 120 Km Gigabit Ethernet SFP Transceiver
SPC-GB-EZX-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1543-Mar0508
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
0
2
5
dBm
Average Launch Power Of Off Tx
POff
-
-
-45
dBm
Extinction Ratio (Dynamic)
ER
9
-
-
dB
Eye Mask
802.3ah compliant
Optical Jitter Random
JR
-
-
147
ps
Optical Jitter Deterministic
JD
-
-
80
ps
Total Jitter
TJ
-
-
200
ps
Optical Rise Timec
tr
-
-
260
ps
Optical Fall Timec
tf
-
260
ps
Mean Wavelength
λ
1xx1-6.5nm
1xx1
1xx1+6.5nm
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Path Penalty at 120 Kmd
dp
-
1
2
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Tolerancee
rp
-24
-
-
dB
c) 20%-80% values
d) Measured at BER of 10-12 ,PRBS of 27 -1, at eye center
e) 1 dB degardation of receiver sensitivity
Transmitter Specifications (Optical)
Features
• Data rate 1.062 to 1.25 Gb/s
• Single 3.3 V supply
• 120 km reach
• 32 dB minimum, 36 dB typical link budget
• Commercial temperature available
• Industrial temperature available
• APD receiver
• CWDM wavelength, DFB laser
• Digital Diagnostic SFF-8472 compliant
• SFP MSA SFF-8074i compliant
• Telcordia GR-468 compliant
• RoHS compliant
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current, -40 to -5ºCa
Icc
-
-
500
mA
Total Current, -5 to 85ºC
Icc
-
-
300
mA
Total Current each supply pin
IccR,IccT
-
-
300
mA
Power Supply Rejectionb
PSR
100
-
-
mVp-p
Operating Temperature (-CxA)
Top
-5
-
70
ºC
Operating Temperature (-TxA)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate GbE
DR
-
1250
-
Mbps
Data Rate FC
DR
-
1062.5
-
Mbps
(a) Denotes deviation from MSA
(b) 20Hz to 155MHz
General Operating


Similar Part No. - SPC-GB-EZX-39CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-31CNA SOURCE-SPC-GB-XD-31CNA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-31TDA SOURCE-SPC-GB-XD-31TDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-31TNA SOURCE-SPC-GB-XD-31TNA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
SPC-GB-XD-33CDA SOURCE-SPC-GB-XD-33CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
More results

Similar Description - SPC-GB-EZX-39CNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-GB-ZX-31CDA SOURCE-SPC-GB-ZX-31CDA Datasheet
513Kb / 8P
   CWDM 80 Km Gigabit Ethernet SFP Transceiver
SP-GB-EZX-CDA SOURCE-SP-GB-EZX-CDA Datasheet
478Kb / 7P
   120 km Gigabit Ethernet SFP Transceiver
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
   50 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
SP-GB-ZX-CDA SOURCE-SP-GB-ZX-CDA Datasheet
531Kb / 7P
   80 km Gigabit Ethernet SFP Transceiver
SPC-GB-YX-31CDA SOURCE-SPC-GB-YX-31CDA Datasheet
538Kb / 7P
   60 km CWDM GbE SFP Transceiver
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
Source Photonics, Inc.
SPC-GB-XD-31CDA SOURCE-SPC-GB-XD-31CDA Datasheet
492Kb / 8P
   Industrial Temperature 50 km CWDM GbE SFP Transceiver
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
logo
Source Photonics, Inc.
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com