Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-DFB2.5-PB-SFC2 Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # C-13-DFB2.5-PB-SFC2
Description  1310nm 2.5G MQW-DFB Laser Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-DFB2.5-PB-SFC2 Datasheet(HTML) 5 Page - Source Photonics, Inc.

  C-13-DFB2.5-PB-SFC2 Datasheet HTML 1Page - Source Photonics, Inc. C-13-DFB2.5-PB-SFC2 Datasheet HTML 2Page - Source Photonics, Inc. C-13-DFB2.5-PB-SFC2 Datasheet HTML 3Page - Source Photonics, Inc. C-13-DFB2.5-PB-SFC2 Datasheet HTML 4Page - Source Photonics, Inc. C-13-DFB2.5-PB-SFC2 Datasheet HTML 5Page - Source Photonics, Inc. C-13-DFB2.5-PB-SFC2 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C-13-DFB2.5-XX-SXXXX/XXX-X-XX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS893-NOV0305
rev. A.0
LUMINENTOIC.COM
1310nm 2.5G MQW-DFB Laser Diode Module
Packaging Dimension
Units in mm.
Part Number: C-15-DFB2.5-PX-SXXXX/XXX-X-XX
MU:MUJ/PC
LC:LC/PC
ST:ST/PC
Flange Type
"
":Flangeless
Connector Type
FC:FC/PC
SC:SC/PC
"K":Horizontal (KX Housing)
"O":Horizonal (Omega Housing)
"V":Vertical


Similar Part No. - C-13-DFB2.5-PB-SFC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-DFB2.5-PD-S2 SOURCE-C-13-DFB2.5-PD-S2 Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-PD-SFC2 SOURCE-C-13-DFB2.5-PD-SFC2 Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-PD-SFCH SOURCE-C-13-DFB2.5-PD-SFCH Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-PD-SFCL SOURCE-C-13-DFB2.5-PD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-PD-SFCM SOURCE-C-13-DFB2.5-PD-SFCM Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
More results

Similar Description - C-13-DFB2.5-PB-SFC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
logo
OKI electronic componet...
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
   1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Source Photonics, Inc.
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
   Analog 1310 nm MQW-DFB Laser Diode Module
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
   1310 nm 2.5 MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com