Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-35-FE-BX-CNC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPS-35-FE-BX-CNC
Description  SFP Bi-directional Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-35-FE-BX-CNC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPS-35-FE-BX-CNC Datasheet HTML 1Page - Source Photonics, Inc. SPS-35-FE-BX-CNC Datasheet HTML 2Page - Source Photonics, Inc. SPS-35-FE-BX-CNC Datasheet HTML 3Page - Source Photonics, Inc. SPS-35-FE-BX-CNC Datasheet HTML 4Page - Source Photonics, Inc. SPS-35-FE-BX-CNC Datasheet HTML 5Page - Source Photonics, Inc. SPS-35-FE-BX-CNC Datasheet HTML 6Page - Source Photonics, Inc. SPS-35-FE-BX-CNC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SFP Bi-directional Transceiver
SPS-35-FE-BX-xxC
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS1577-Jan1107
Rev A.3
Features
• Compliant with OC3/STM-1, IEEE 802.3ah, 100BASE-BX10
• Simplex SC Connector
• Digital Diagnostic SFF-8472 Compliant
• SFP MSA SFF-8074i Compliant
• 14 dB Minimum Power Budget
• 10 km Typical reach
• Commercial and Industrial Temperature Available
• Single 3.3V Supply
• 1310nm FP Laser
• Telcordia GR-468 Compliant
• Color Coded Blue Bail Latch
• RoHS-6/6 compliant (lead free soldering) (-xxC)
Parameter
Symbol
Min
Typical
Max
Unit
Optical power
Pop
-14
-11
-8
dBm
Optical crosstalk
XT
-
-45
-40
dB
Average Launch power of off Tx
Poff
-
-
-45
dBm
Extinction Ratio
ER
6.6
-
-
dB
Eye Mask
IEEE 802.3 and SONET/SDH Compliant
Optical Rise time (20% to 80% values)
tr
-
-
2
ns
Optical Fall time (20% to 80% values)
tf
-
-
2
ns
Mean Wavelength
λ
1260
1310
1360
nm
Spectral Width (RMS)
σ
-
-
7.7
nm
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Optical Return Loss Tolerance
ORLT
-
-
12
dB
Transmitter Specifications, Optical
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
ICC
-
-
300
mA
Power Supply Noise Rejection
100
-
-
mVp-p
Operating Temerature (-Cxx)
Topr
-5
-
70
ºC
Operating Temerature (-Txx)
Topr
-40
-
85
ºC
Storage Temperature
Tstg
-40
-
85
ºC
Data Rate
DR
10
-
155
Mbps
General Operation


Similar Part No. - SPS-35-FE-BX-CNC

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SPS-350 SYNERGY-SPS-350 Datasheet
353Kb / 3P
   PHASE SHIFTER
logo
List of Unclassifed Man...
SPS-350 ETC-SPS-350 Datasheet
563Kb / 8P
   High Voltage Rectifiers
More results

Similar Description - SPS-35-FE-BX-CNC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-EBX-CNA SOURCE-SPL-53-GB-EBX-CNA Datasheet
625Kb / 7P
   SFP Bi-Directional Transceiver
SPL-45-FE-BZ-CDA SOURCE-SPL-45-FE-BZ-CDA Datasheet
625Kb / 7P
   SFP Bi-directional Transceiver
SPL-54-FE-BZ-CDA SOURCE-SPL-54-FE-BZ-CDA Datasheet
607Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-EBX-CNA SOURCE-SPL-35-GB-EBX-CNA Datasheet
633Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com