Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC-03-LR-55TNA Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPC-03-LR-55TNA
Description  155 Mbps CWDM SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPC-03-LR-55TNA Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPC-03-LR-55TNA Datasheet HTML 1Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 2Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 3Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 4Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 5Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 6Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 7Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 8Page - Source Photonics, Inc. SPC-03-LR-55TNA Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
155 Mbps CWDM SFP Transceiver
SPC-03-LR-xx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1558-Jul2506
Rev A.1
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
Pop
-5
-
0
dBm
Average Launch Power (Tx:Off)
Poff
-
-
-30
dBm
Extinction Ratio
ER
10
-
-
dB
Eye Mask
-
-
-
SONET/SDH compliant
Optical Jitter Generation
Jgen
-
-
0.002
UI
Optical Rise Timeb
tr
-
-
1000
ps
Optical Fall Timeb
tf
-
1000
ps
Wavelength
λ
1xx1-6.5
1xx1
1xx1+6.5
nm
Spectral Width (20dB)
∆λ
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion Penalty (120km)
-
0.5
2
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflection Tolerance
rp
-24
-
-
dB
b) 20%-80% values
Transmitter Specifications (Optical)
Features
• Single 3.3V supply
• 29dB Minimum Link Budget
• DFB Laser
• 1470nm to 1610nm CWDM Wavelengths
• SFP MSA SFF-8074i Compatible
• Commercial and Industrial Temperature
• Telcordia GR-253 OC-3/ITU-T G.957 STM-1 Compliant
• Digital Diagnostic SFF-8472 Compliant
• Telcordia GR-468 Compliant
• RoHS-5/6 Compliant Product (lead exemption)
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current (-40 to -5 ºC)a
Icc
-
-
500
mA
Total Current (-5 to 85 ºC)
Icc
-
-
300
mA
Total Current Each Supply Pin
Icc
-
-
300
mA
Power Supply Noise Rejection
PSR
100
-
-
mVp-p
Operating Case Temperature (-CXX)
Top
-5
-
70
ºC
Operating Case Temperature (-TXX)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate OC-3/STM-1
DR
-
155
-
Mbps
a) Deviation from the SFP MSA
General Operation


Similar Part No. - SPC-03-LR-55TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-LR-51CDFM SOURCE-SPC-03-LR-51CDFM Datasheet
268Kb / 9P
   Up to 80km transmission on SMF
More results

Similar Description - SPC-03-LR-55TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPC-03-ELR-47CDA SOURCE-SPC-03-ELR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
logo
Optoway Technology Inc
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G Datasheet
152Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100-CXX0G OPTOWAY-SPS-33100-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380-CXX0G OPTOWAY-SPS-3380-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
PS-3380W-CXX0G OPTOWAY-PS-3380W-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200-CXX0G OPTOWAY-SPS-33200-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160-CXX0G OPTOWAY-SPS-33160-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / 155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com