Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB1005150MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PDB1005150MZF
Description  POWER TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1005150MZF Datasheet(HTML) 1 Page - Superworld Electronics

  PDB1005150MZF Datasheet HTML 1Page - Superworld Electronics PDB1005150MZF Datasheet HTML 2Page - Superworld Electronics PDB1005150MZF Datasheet HTML 3Page - Superworld Electronics PDB1005150MZF Datasheet HTML 4Page - Superworld Electronics PDB1005150MZF Datasheet HTML 5Page - Superworld Electronics PDB1005150MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2. CONFIGURATION & DIMENSIONS :
5.0±0.3
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Base : LCP
(c) Wire : Enamelled Copper Wire
(d) Terminal : Tinned Copper Plate
3. SCHEMATIC :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 10% Typ.
a) Temp. rise : 40°C Max.
PDB1005 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.05.2008
PCB Pattern
2.4±0.2
DE
F
2.2±0.2
7.6±0.3
12.7±0.2
10.0±0.2
2.8 Ref.
3.0 Ref.
GH
I
7.3 Ref.
Unit:m/m
d
e
b
a
c
(e) Adhesive : Epoxy
E
A
C
I
G
I
f
(f) Ink : Bon Margue
(f)
P D B 1 0 0 5 1 0 1 M Z F
(d)(e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
(c) Inductance code : 101 = 100uH
(a) Series code
(b) Dimension code
(f) F : Lead Free
(e) X, Y, Z : Standard part
(d) Tolerance code : M = ±20%


Similar Part No. - PDB1005150MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1003 SUPERWORLD-PDB1003 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003100MZF SUPERWORLD-PDB1003100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003101MZF SUPERWORLD-PDB1003101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003102MZF SUPERWORLD-PDB1003102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
PDB1003150MZF SUPERWORLD-PDB1003150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDB1005150MZF

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com