Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC0403180MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDC0403180MZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0403180MZF Datasheet(HTML) 3 Page - Superworld Electronics

  PDC0403180MZF Datasheet HTML 1Page - Superworld Electronics PDC0403180MZF Datasheet HTML 2Page - Superworld Electronics PDC0403180MZF Datasheet HTML 3Page - Superworld Electronics PDC0403180MZF Datasheet HTML 4Page - Superworld Electronics PDC0403180MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10
10
10
10
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
(°C)
0
0
10
20
30
40
DC CURRENT (A)
12
3
4
5
6
7
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
80
60
∆t
50
70
90
L
(uH)
8R2M
220M
680K
3R3M
1R0M
PG. 3
01.05.2008
1
FREQUENCY(MHZ)
3
35
-1
10
10-2
-1
10
5
3
5
0
10
10
2 35
35
10
3
5
3
1R0M
0
DC CURRENT (A)
10
-3
35
10-1
10
5
3
35
-1
10
-2
5
5101 3
0
10
3
102
5
3
1R0M
10
0
(uH)
L
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
8R2M
3R3M
3
5
220M
3
1
680K
5
2
10
8R2M
3R3M
3
5
220M
3
1
680K
5
10 2
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
PDC0403 SERIES


Similar Part No. - PDC0403180MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC0302 SUPERWORLD-PDC0302 Datasheet
390Kb / 5P
   SMD POWER INDUCTORS
PDC0502 SUPERWORLD-PDC0502 Datasheet
390Kb / 5P
   SMD POWER INDUCTORS
PDC0502100MZF SUPERWORLD-PDC0502100MZF Datasheet
390Kb / 5P
   SMD POWER INDUCTORS
PDC0502101MZF SUPERWORLD-PDC0502101MZF Datasheet
390Kb / 5P
   SMD POWER INDUCTORS
PDC0502120MZF SUPERWORLD-PDC0502120MZF Datasheet
390Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - PDC0403180MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com