Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ956P1S-24DE Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ956P1S-24DE
Description  MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ956P1S-24DE Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ956P1S-24DE Datasheet HTML 1Page - American Zettler, Inc. AZ956P1S-24DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ
7/24/02W
AZ956P
MECHANICAL DATA
.006
(.15)
.08 MAX
(2)
SMT
THT
Wiring Diagram
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
STANDARD SINGLE COIL
Order Number
Nominal Coil
Max. Operating
Coil Resistance
Must Operate
THT
SMT
VDC
VDC
± 10%
VDC
Through Hole
1.5
6
61
1.13
AZ956P1–1.5DE AZ956P1S–1.5DE
3
13
300
2.25
AZ956P1–3DE
AZ956P1S–3DE
5
20
740
3.75
AZ956P1–5DE
AZ956P1S–5DE
9
35
2160
6.75
AZ956P1–9DE
AZ956P1S–9DE
12
50
4500
9.00
AZ956P1–12DE
AZ956P1S–12DE
15
50
4500
11.3
AZ956P1–15DE
AZ956P1S–15DE
24
50
4500
18.00
AZ956P1–24DE
AZ956P1S–24DE
STANDARD DUAL COIL
Order Number
Nominal Coil
Max. Operating
Coil Resistance
Must Operate
THT
SMT
VDC
VDC
± 10%
VDC
Through Hole
1.5
4.25
32
1.13
AZ956P2–1.5DE AZ956P2S–1.5DE
3
8.55
130
2.25
AZ956P2–3DE
AZ956P2S–3DE
5
14.75
390
3.75
AZ956P2–5DE
AZ956P2S–5DE
9
25.6
1200
6.75
AZ956P2–9DE
AZ956P2S–9DE
12
29
1500
9.00
AZ956P2–12DE
AZ956P2S–12DE
15
29
1500
11.3
AZ956P2–15DE
AZ956P2S–15DE
Dual Coil Latching
Shown in reset position
Single Coil Latching
Shown in reset Position


Similar Part No. - AZ956P1S-24DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956P1S-24DE ZETTLER-AZ956P1S-24DE Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
More results

Similar Description - AZ956P1S-24DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com