Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-15-1250AC-FDFB-SLC3A-55 Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # C-15-1250AC-FDFB-SLC3A-55
Description  1.25 Gbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-15-1250AC-FDFB-SLC3A-55 Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 2Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 3Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 4Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 5Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 6Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 7Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 8Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 9Page - Source Photonics, Inc. C-15-1250AC-FDFB-SLC3A-55 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
1.25 Gbps Single Mode SFF LC Transceiver
C-15-1250AC-FDFB-SLC3A-07(-55)-G5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1927-Aug0508
Rev. A.0
LUMINENTOIC.COM
Ordering Information
C - 15 - 1250AC - FDFB - S LC Tx Power Temperature
-xx
-RoHS
• 15 = Wavelength 1550 nm
• Communication protocol
1250AC = AC-coupled signal, LVTTL SD output
• +3.3V SFF Transceiver, DFB
Available Options:
C-15-1250AC-FDFB-SLC3A-07-G5
C-15-1250AC-FDFB-SLC3A-55-G5
Part numbering Definition:
• Single mode fiber
• Connector options
• Tx Power Range
3 = Tx Power -3 to +3 dBm
• Temperature
A = Industrial temperature(-40 to 85 ºC)
• Ordering Information
G5 = RoHS compliant
• -55 = with squelch function, lead soldered
-07 = with squelch funcfion, lead free soldered


Similar Part No. - C-15-1250AC-FDFB-SLC3A-55

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC4C SOURCE-C-15-1250AC-TDFB3-SSC4C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
More results

Similar Description - C-15-1250AC-FDFB-SLC3A-55

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com