Electronic Components Datasheet Search |
|
BL-S400I-11E-3 Datasheet(PDF) 2 Page - BetLux Electronics |
|
BL-S400I-11E-3 Datasheet(HTML) 2 Page - BetLux Electronics |
2 / 4 page www.betlux.com LED NUMERIC DISPLAY, 1 DIGIT BL-S400X-11 APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS REV NO: V.2 Page 2 of 4 WWW.BETLUX.COM EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM Absolute maximum ratings (Ta=25 ) Parameter S D UR E Y G Unit Forward Current IF 25 25 25 25 25 30 mA Power Dissipation Pd 60 60 60 60 60 65 mW Reverse Voltage VR 5 5 5 5 5 5 V Peak Forward Current IPF (Duty 1/10 @1KHZ) 150 150 150 150 150 150 mA Operation Temperature TOPR -40 to +80 Storage Temperature TSTG -40 to +85 Lead Soldering Temperature TSOL Max.260±5 for 3 sec Max. (1.6mm from the base of the epoxy bulb) Absolute maximum ratings (Ta=25°C) Parameter UHR UE YO UY UG PG UB UW Unit Forward Current IF 30 30 30 30 30 30 30 30 mA Power Dissipation Pd 75 65 65 65 75 110 120 120 mW Reverse Voltage VR 5 5 5 5 5 5 5 5 V Peak Forward Current IPF (Duty 1/10 @1KHZ) 150 150 150 150 150 150 100 100 mA Operation Temperature TOPR -40 to +80 Storage Temperature TSTG -40 to +85 Lead Soldering Temperature TSOL Max.260±5 for 3 sec Max. (1.6mm from the base of the epoxy bulb) |
Similar Part No. - BL-S400I-11E-3 |
|
Similar Description - BL-S400I-11E-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |