Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC0703271KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDC0703271KZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0703271KZF Datasheet(HTML) 3 Page - Superworld Electronics

  PDC0703271KZF Datasheet HTML 1Page - Superworld Electronics PDC0703271KZF Datasheet HTML 2Page - Superworld Electronics PDC0703271KZF Datasheet HTML 3Page - Superworld Electronics PDC0703271KZF Datasheet HTML 4Page - Superworld Electronics PDC0703271KZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
2
1
0
10
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
20
0 0
10
DC CURRENT (A)
13
2
10
45
3
90
30
50
t
(°C)
40
70
60
80
5
10
5
L
(uH) 3
101K
331K
181K
330M
10
100M
3
5
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
10
PG. 3
01.05.2008
0
FREQUENCY(MHZ)
3
35
10-2
-3
5
310
5
-1
10
5
101 35
3102
DC CURRENT (A)
100
10
10-3
35
5
3
-1
10
-2 35
3
3
0 35 101
10
5
102
(uH)
100M
330M
L
181K
101K
331K
100M
1
5
10
330M
5
3
181K
101K
102
331K
3
5
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
103
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
PDC0703 SERIES


Similar Part No. - PDC0703271KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC0705 SUPERWORLD-PDC0705 Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0705100MZF SUPERWORLD-PDC0705100MZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0705101KZF SUPERWORLD-PDC0705101KZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0705120MZF SUPERWORLD-PDC0705120MZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
PDC0705121KZF SUPERWORLD-PDC0705121KZF Datasheet
391Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - PDC0703271KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com