Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT29834DW Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74BCT29834DW
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT29834DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT29834DW Datasheet HTML 1Page - Texas Instruments SN74BCT29834DW Datasheet HTML 2Page - Texas Instruments SN74BCT29834DW Datasheet HTML 3Page - Texas Instruments SN74BCT29834DW Datasheet HTML 4Page - Texas Instruments SN74BCT29834DW Datasheet HTML 5Page - Texas Instruments SN74BCT29834DW Datasheet HTML 6Page - Texas Instruments SN74BCT29834DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OEA
A1
A2
A3
A4
A5
A6
A7
A8
ERR
CLR
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
PARITY
OEB
CLK
SN74BCT29834
8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SCBS256 – SEPTEMBER 1987 – REVISED NOVEMBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
BiCMOS Process With TTL Inputs and
Outputs
BiCMOS Design Reduces Standby Current
Flow-Through Pinout (All Inputs on
Opposite Side From Outputs)
Functionally Equivalent to SN74ALS29834
and AMD Am29834
High-Speed Bus Transceiver With Parity
Generator / Checker
Parity-Error Flag With Open-Collector
Output
Available Register For Storage of the
Parity-Error Flag
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic 300-mil DIPs (NT)
description
The SN74BCT29834 is an 8-bit to 9-bit parity transceiver designed for asynchronous communication between
data buses. When data is transmitted from the A to B bus, a parity bit is generated. When data is transmitted
from the B to A bus with its corresponding parity bit, the parity-error (ERR) output will indicate whether or not
an error in the B data has occurred. The output-enable (OEA, OEB) inputs can be used to disable the device
so that the buses are effectively isolated.
A 9-bit parity generator / checker generates a parity-odd (PARITY) output and monitors the parity of the I/O ports
with an open-collector parity-error flag (ERR). ERR is clocked into the register on the rising edge of the CLK
input. The error flag register is cleared with a low pulse on the clear (CLR) input. When both OEA and OEB are
low, data is transferred from the A bus to the B bus and inverted parity is generated. Inverted parity is a forced
error condition which gives the designer more system diagnostic capability. The SN74BCT29834 provides
inverting logic.
The SN74BCT29834 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT AND I/O
OEB
OEA
CLR
CLK
Ai
∑ of H’s
Bi†
∑ of L’s
A
B
PARITY
ERR‡
FUNCTION
L
H
X
X
Odd
Even
NA
NA
A
H
L
NA
A data to B bus and generate parity
H
L
H
NA
Odd
Even
B
NA
NA
H
L
B data to A bus and check parity
X
X
L
X
X
X
X
NA
NA
H
Clear error-flag register
H
H
H
L
H
H
No
No
X
X
Odd
Even
X
Z
Z
Z
NC
H
L
H
Isolation§
L
L
X
X
Odd
Even
NA
NA
A
L
H
NA
A data to B bus and generate inverted
parity
NA = not applicable, NC = no change, X = don’t care
† Summation of high-level inputs includes PARITY along with Bi inputs.
‡ Output states shown assume the ERR output was previously high.
§ In this mode, the ERR output, when enabled, shows inverted parity of the A bus.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74BCT29834DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29834DW TI1-SN74BCT29834DW Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29834DWR TI1-SN74BCT29834DWR Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
More results

Similar Description - SN74BCT29834DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29834 TI1-SN74BCT29834_11 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI-SN74ALS29833 Datasheet
102Kb / 6P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29854 TI-SN74BCT29854 Datasheet
99Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29854 TI1-SN74ALS29854 Datasheet
221Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29833 TI1-SN74BCT29833 Datasheet
110Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29853 TI1-SN74BCT29853 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI1-SN74ALS29833_11 Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com