Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC1005271KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PDC1005271KZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC1005271KZF Datasheet(HTML) 2 Page - Superworld Electronics

  PDC1005271KZF Datasheet HTML 1Page - Superworld Electronics PDC1005271KZF Datasheet HTML 2Page - Superworld Electronics PDC1005271KZF Datasheet HTML 3Page - Superworld Electronics PDC1005271KZF Datasheet HTML 4Page - Superworld Electronics PDC1005271KZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PDC1005 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
01.05.2008
PDC1005820KZF
PDC1005681KZF
PDC1005821KZF
PDC1005271KZF
PDC1005391KZF
PDC1005331KZF
PDC1005561KZF
PDC1005471KZF
PDC1005101KZF
PDC1005151KZF
PDC1005181KZF
PDC1005121KZF
PDC1005221KZF
PDC1005120MZF
PDC1005330MZF
PDC1005470KZF
PDC1005680KZF
PDC1005560KZF
PDC1005390MZF
PDC1005180MZF
PDC1005270MZF
PDC1005220MZF
PDC1005150MZF
PDC1005100MZF
Part No.
1.00
0.25
2.52M
82±10%
0.28
2.25
1V / 1K
680±10%
820±10%
1V / 1K
2.55
0.24
390±10%
560±10%
470±10%
270±10%
330±10%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
150±10%
180±10%
220±10%
100±10%
120±10%
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1V / 1K
1.30
1.90
1.48
0.97
1.15
0.48
0.33
0.42
0.57
0.52
0.47
0.63
0.73
0.35
0.40
0.78
0.72
0.66
0.97
0.89
2.45
0.07
2.52M
12±20%
2.52M
33±20%
56±10%
68±10%
47±10%
39±20%
2.52M
2.52M
2.52M
2.52M
22±20%
27±20%
18±20%
15±20%
2.52M
2.52M
2.52M
2.52M
1.50
0.12
0.19
0.22
0.17
0.14
1.17
1.11
1.28
1.37
0.10
0.11
0.09
0.08
1.95
1.76
2.15
2.27
Inductance
( µH )
10±20%
Frequency
( Hz )
2.52M
Test
(
)
Max.
0.06
RDC
( A )
Max.
2.60
IDC


Similar Part No. - PDC1005271KZF

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDC100-CxDA11 P-TEC-PDC100-CxDA11 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDG05 P-TEC-PDC100-CxDG05 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDG17 P-TEC-PDC100-CxDG17 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDR02 P-TEC-PDC100-CxDR02 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
PDC100-CxDR11 P-TEC-PDC100-CxDR11 Datasheet
1Mb / 9P
   Gray Face, White Segments or Black Face, White Segments
More results

Similar Description - PDC1005271KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com