Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC1040C-150MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # PDC1040C-150MF
Description  SMD Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC1040C-150MF Datasheet(HTML) 5 Page - Superworld Electronics

  PDC1040C-150MF Datasheet HTML 1Page - Superworld Electronics PDC1040C-150MF Datasheet HTML 2Page - Superworld Electronics PDC1040C-150MF Datasheet HTML 3Page - Superworld Electronics PDC1040C-150MF Datasheet HTML 4Page - Superworld Electronics PDC1040C-150MF Datasheet HTML 5Page - Superworld Electronics PDC1040C-150MF Datasheet HTML 6Page - Superworld Electronics PDC1040C-150MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
18.04.2008
PG. 5
PDC1040C SERIES
SMD Power Inductors (Lead Free)
8. ELECTRICAL CHARACTERISTICS :
1. Ambient temp : 25°C
0
Saturation Current (Isat)
Isat @ L > 70% L
by step increase to the load component.
2. Applied Current : DC Current, the current shall be step
L : test inductance with DC current
L : the initial inductance without DC current
0
Component should be stabilized at normal condition for
30
Within 3
Within 3
30
Times (min.)
60
seconds
Preheating
Measure at room temperature after placing for 24 hrs.
Component should be stabilized at normal condition for
Component should be stabilized at normal condition for
Component should be stabilized at normal condition for
All electrical and mechanical parameters within tolerance
1. Ambient temp : 25°C with inhibitive ventilation condition:
2. Applied Current : DC Current, the current shall be step
by step increase to the load component.
Life Test
1. Appearance : No damage
2. All electrical and mechanical parameters within
Drop 10 times on a concrete floor from a
Idc(Irms) @
< 45°C
surface temperature increase not more than 45°C
scope in room temperature, the test component
a. T is the component surface temperature rise
b. Body should not be damaged
Electrical Characteristics Test
Heat Rated Current (Irms)
Drop
height of 1m.
Temperature Cycle
(Thermal Shock)
tolerance
24±2 hours before test.
No mechanical damage
+85±3
-40±3
Total : 10 cycles
3
2
4
1
25±2
25±2
Time : 500+24/-0 hrs
Conditions of 1 cycle.
24±2 hours before test.
Temperature (°C)
Step
2. Inductance change : Within ±10% of initial value
1. Appearance : No damage
1. Appearance : No damage
2. All electrical and mechanical parameters within
Humidity Resistance
High Temperature
Life Test
Low Temperature
tolerance
Reliability Test
Solder Heat Resistance
Temperature : 40±2°C
Time : 500+24/-0 hrs
Temperature : 85±3°C
24±2 hours before test.
Temperature : -40±3°C
Humidity : 90% to 95%
Applied Current : Rated Current
Time : 500±12 hours
24±2 hours before test.
150°C
Solder Temperature : 260±5°C
Dip Time : 10±1sec.
Preheat time : 1 min
Preheat : 150°C
260°C
10±1
seconds
Dipping Natural
cooling
TEST CONDITION
Preheating
60
seconds
JUDGEMENT STANDARD
should be covered with solder.
More than 90% of the terminal electrode
Mechanical Performance Test
Solderability Test
ITEM
Solder Temperature : 245±5°C
Flux for lead free : rosin
Dip Time : 5±1sec.
245°C
150°C
Solder : lead free (recommend)
Preheat : 150°C, 60sec.
cooling
Natural
5±1
seconds
Dipping
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - PDC1040C-150MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC1045C SUPERWORLD-PDC1045C Datasheet
252Kb / 6P
   SMD Power Inductors
PDC1045C-100MF SUPERWORLD-PDC1045C-100MF Datasheet
252Kb / 6P
   SMD Power Inductors
PDC1045C-2R2MF SUPERWORLD-PDC1045C-2R2MF Datasheet
252Kb / 6P
   SMD Power Inductors
PDC1045C-3R3MF SUPERWORLD-PDC1045C-3R3MF Datasheet
252Kb / 6P
   SMD Power Inductors
PDC1045C-4R7MF SUPERWORLD-PDC1045C-4R7MF Datasheet
252Kb / 6P
   SMD Power Inductors
More results

Similar Description - PDC1040C-150MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com