Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6397 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 2N6397
Description  SCRs 12 AMPERES RMS 50 thru 800 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6397 Datasheet(HTML) 3 Page - Motorola, Inc

  2N6397 Datasheet HTML 1Page - Motorola, Inc 2N6397 Datasheet HTML 2Page - Motorola, Inc 2N6397 Datasheet HTML 3Page - Motorola, Inc 2N6397 Datasheet HTML 4Page - Motorola, Inc 2N6397 Datasheet HTML 5Page - Motorola, Inc 2N6397 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N6394 thru 2N6399
3
Motorola Thyristor Device Data
FIGURE 3 — ON–STATE CHARACTERISTICS
FIGURE 4 — MAXIMUM NON-REPETITIVE SURGE CURRENT
FIGURE 5 — THERMAL RESPONSE
1.0
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2
0.3
0.5
1.0
2.0
1.2
0.1
Z
θJC(t) = RθJC r(t)
1.0
60
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TJ = 125°C
f = 60 Hz
NUMBER OF CYCLES
70
80
90
100
20
2.0
3.0
4.0
6.0
8.0
10
0.1
0.4
0.01
t, TIME (ms)
3.0
5.0
50
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vTH, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
2.8
4.4
3.6
5.2
6.0
2.0
30
50
100
200 300
500
2.0 k
10
3.0 k 5.0 k
10 k
1.0 k
TJ = 25°C
125
°C
1 CYCLE
55
65
75
85
95


Similar Part No. - 2N6397

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6397 ONSEMI-2N6397 Datasheet
79Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 3
2N6397 ONSEMI-2N6397 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
2N6397 NJSEMI-2N6397 Datasheet
153Kb / 1P
   CASE TO-220AB
2N6397 NJSEMI-2N6397 Datasheet
165Kb / 2P
   SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6397 DIGITRON-2N6397 Datasheet
319Kb / 5P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N6397

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com