Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ974-1C-6D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ974-1C-6D
Description  40 AMP MINI-ISO AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ974-1C-6D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ974-1C-6D Datasheet HTML 1Page - American Zettler, Inc. AZ974-1C-6D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ974
1/29/07W
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
SPST
SPDT
VDC
VDC
VDC
± 10%
6
3.9
10.1
22
AZ974–1A–6D
AZ974–1C–6D
12
7.8
20.2
85
AZ974–1A–12D
AZ974–1C–12D
24
15.6
40.5
350
AZ974–1A–24D
AZ974–1C–24D
*Add suffix “E” for epoxy sealed version. Add suffix “R” for resistor across coil (6V=180 ohms, 12V=680 ohms, 24V=2700 ohms). Add suffix D1 for
diode across coil (anode on #86) or suffix D2 for diode across coil (anode on #85).
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Limiting Curve for Power LoadAmbient Termperature VS
0 Amp Contact Load
7 Amp Contact Load
15 Amp Contact Load
20 Amp Contact Load
30 Amp Contact Load
40 Amp Contact Load
Applied Coil Voltage (% of Rated Nominal)
Switching Current (Amps)
Terminal Distance
87
85
Bottom view
86
1A
86
30
87A
85
30
Wiring Diagrams
87A
30
30
1C
86
86
87A
30
1A
86
1C
87
85
87
85
85
87
.945 Max
[24.0]
1.041 Max
[26.45]
.126
[3.2]
.098
[2.5]
.080
[2.1]
87
.665
[16.9]
.330
[8.4]
.705
[17.9]
.665
[16.9]
.705
[17.9]
.330
[8.4]
.315
[8]
.080
[2]
.080
[2]
.333
[8.45]
.333
[8.45]
.032
[.81]


Similar Part No. - AZ974-1C-6D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741-1A-12D AZETTLER-AZ9741-1A-12D Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741-1A-24D AZETTLER-AZ9741-1A-24D Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741-1A-6D AZETTLER-AZ9741-1A-6D Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741-1C-12D AZETTLER-AZ9741-1C-12D Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - AZ974-1C-6D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
American Zettler, Inc.
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com