Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC3015N-100MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PDC3015N-100MF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC3015N-100MF Datasheet(HTML) 1 Page - Superworld Electronics

  PDC3015N-100MF Datasheet HTML 1Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 2Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 3Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 4Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 5Page - Superworld Electronics PDC3015N-100MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
18.04.2008
SMD Power Inductors (Lead Free)
PDC3015N SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
P D C 3 0 1 5 N - 1 R 6 Y F
(a)
(b)
(e)(f)
(d)
1. PART NO. EXPRESSION :
(c) Type code
(b) Dimension code
(e) Tolerance code : M = ±20%, Y = ±30%
(a) Series code
(d) Inductance code : 1R6 = 1.6uH
(b) Wire : Enamelled Copper Wire
(c) Adhesive : Epoxy
(d) Clip : Tin Clip
0.60±0.1
1.5 Max.
4. MATERIALS :
1.0 Typ.
3. SCHEMATIC :
3.40±0.1
3.00±0.2
WX'
3.00±0.2
AB
A
(a) Core : Ferrite Core
1.40±0.1
0.70±0.1
3.20±0.1
XY'
0.80 Max.
YZ'
1.10 Max. 0.40 Typ.
0.75±0.1
0.10 Typ.
Z
0.30 Typ.
Y
Y'
PCB Pattern
CD
E
F
GH
X
X'
F
D
E
2. CONFIGURATION & DIMENSIONS :
1.6
b
d
c
a
(c)
(f) F : Lead Free


Similar Part No. - PDC3015N-100MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC3015C SUPERWORLD-PDC3015C Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-100MF SUPERWORLD-PDC3015C-100MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-1R6YF SUPERWORLD-PDC3015C-1R6YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-220MF SUPERWORLD-PDC3015C-220MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-2R2YF SUPERWORLD-PDC3015C-2R2YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDC3015N-100MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com