Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC3015N-220MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDC3015N-220MF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC3015N-220MF Datasheet(HTML) 3 Page - Superworld Electronics

  PDC3015N-220MF Datasheet HTML 1Page - Superworld Electronics PDC3015N-220MF Datasheet HTML 2Page - Superworld Electronics PDC3015N-220MF Datasheet HTML 3Page - Superworld Electronics PDC3015N-220MF Datasheet HTML 4Page - Superworld Electronics PDC3015N-220MF Datasheet HTML 5Page - Superworld Electronics PDC3015N-220MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
18.04.2008
PG. 3
SUPERWORLD ELECTRONICS (S) PTE LTD
PDC3015N SERIES
SMD Power Inductors (Lead Free)
7. CHARACTERISTICS CURVES :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
00.25
0 .5
0.75
1
DC CURRENT(A)
0
2
4
6
0
10
20
30
40
50
TPI3015N-3R3
PDC3015N-3R3YF
0
0.2
0.4
0.6
0.8
1
DC CURRENT(A)
0
2
4
6
8
0
10
20
30
40
50
TPI3015N-4R7
PDC3015N-4R7YF
0
0.2
0.4
0.6
0.8
DC CURRENT(A)
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
TPI3015N-6R8
PDC3015N-6R8YF
00.2
0 .4
0 .6
0.8
DC CURRENT(A)
0
3
6
9
12
15
0
10
20
30
40
50
TPI3015N-100
PDC3015N-100MF
0
0.092
0 .184
0.276
0.368
0.46
DC CURRENT(A)
0
7
14
21
28
35
0
5
10
15
20
25
30
35
40
45
50
55
60
TPI3015N-220
PDC3015N-220MF


Similar Part No. - PDC3015N-220MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC3015C SUPERWORLD-PDC3015C Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-100MF SUPERWORLD-PDC3015C-100MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-1R6YF SUPERWORLD-PDC3015C-1R6YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-220MF SUPERWORLD-PDC3015C-220MF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
PDC3015C-2R2YF SUPERWORLD-PDC3015C-2R2YF Datasheet
262Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PDC3015N-220MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com