Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE125U-8N Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE125U-8N
Description  8 Port Gigabit Power Over Ethernet Midspan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE125U-8N Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE125U-8N Datasheet HTML 1Page - Phihong USA Inc. POE125U-8N Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE125 Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input
Voltage Range 90 to 264VAC
Input Frequency 47-63Hz
Input Current:
2.2A(RMS) max. for 90VAC
1A(RMS) max. for 240VAC
Leakage Current: 3.5mA max. @ 254VAC 60Hz
AC Inrush Current:
15A(RMS) max. for 115VAC
20A(RMS) max. for 230VAC
OUTPUT:
Total Output Power
15.4W per port
Ripple and Regulation
Meets requirements of IEEE802.3af
Efficiency
75% (typical) at Max. load, and 120VAC 60Hz
Hold-up Time
20mS min. 120VAC and max. load
Transient O/P Voltage Protection
60V max. at switch on and off at any AC line Phase
Turn-On Delay Time
3 sec max. at max. load, and 120VAC 60Hz, 25Hz
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +65°C
Humidity
Operation
5 to 90%
Non-Operation
5 to 90%
EMC
FCC Class B
EN55022 Class B
Isolation Test
Primary to Secondary: 3000VAC for 1 minute
Primary to Ground: 1500VAC for 1 minute
Secondary to Ground: 1500VAC for 1 minute
Immunity EN50082-1
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 2
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 2
Voltage Dips
EN61000-4-11
Harmonic:
EN61000-3-2 Class A
IEEE 802.3af Interoperability
UNH Interoperability report available on
request
FEATURE:
Cisco Legacy detection(Option)
No extern parts required for Legacy devices:
VoIP Phones:
7910,7912,7940,7960
Access Points:
350,1100,1200
Over Voltage/Current, Short Circuit Protection
Outputs equipped with short circuit protection and
overload protection as per 802.3af specification
The output can be shorted permanently without damage
Over Temperature Protection
Shutdown automatically without damage
Indicators
Led #1 indicator for detection power “on” GREEN
Led #2 Indicator for fault -Yellow
Input Connector
AC Input IEC320 C14


Similar Part No. - POE125U-8N

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
   8 Port Gigabit Power over Ethernet Midspan
More results

Similar Description - POE125U-8N

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
   8 Port Gigabit Power over Ethernet Midspan
POE370U-480 PHIHONG-POE370U-480 Datasheet
103Kb / 3P
   8/16/24 Port Gigabit Power over Ethernet Midspan
POE31U-1AT PHIHONG-POE31U-1AT_14 Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE21U-1AF PHIHONG-POE21U-1AF Datasheet
168Kb / 2P
   19.6W Single Port Power over Ethernet Midspan
POE31U-1AT PHIHONG-POE31U-1AT Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE31U-560DO PHIHONG-POE31U-560DO Datasheet
111Kb / 2P
   30W Dual Port Passive Power-over-Ethernet Midspan
POE240U-2MPN PHIHONG-POE240U-2MPN Datasheet
79Kb / 3P
   2 Port 95W per Port Power over Ethernet Midspan
POE75D-1UP PHIHONG-POE75D-1UP Datasheet
73Kb / 3P
   75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
POE33U-560DO PHIHONG-POE33U-560DO Datasheet
399Kb / 6P
   Outdoor 33.6W Dual Port Passive Power-over-Ethernet Midspan
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
   20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com