Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA15R-090P Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSA15R-090P
Description  15 WATT INTERCHANGEABLE PLUG SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA15R-090P Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSA15R-090P Datasheet HTML 1Page - Phihong USA Inc. PSA15R-090P Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSA15R Characteristics
WWW.PHIHONG.COM
Over Voltage Protection
INPUT:
By Zener Clamping
AC Input Voltage Rating
100 to 240VAC
Short Circuit Protection
AC Input Voltage Range
Output can be shorted without damage
90 to 264VAC
ENVIRONMENTAL:
Input Current
Temperature
0.5A(RMS) max. @ 120VAC
Operation
0 to +40°C
0.25A(RMS) max. @ 240VAC
Non-operation
-25 to +75°C
Leakage Current
Humidity
0.25mA max. @ all line conditions
Operation
20 to 90%
Inrush Current (cold)
Emissions
< 30A for 120VAC at max. load
FCC Class B
< 60A for 240VAC at max. load
CISPR 22 Class B
(Cold start @ ambient 25°C)
Dielectric Withstand (Hi-pot) Test
Input Power Saving
Primary to Secondary: 3000VAC
0.5W maximum at no load (except 5V and 6V models)
0.75W maximum at no load (for 5V and 6V models)
DC Output Connector
2.1x5.5mm Center Positive Standard
OUTPUT:
Efficiency
Mating Connector
≥ 74.4% average efficiency (except 5V and 6V models)
Kycon KLD-0202-A or equivalent
≥ 74.4% average efficiency at 115VAC, ≥ 73.4%
average efficiency at 230VAC (for 5Vand 6V models)
AC Input Clips (sold separately)
US: RPA
Hold-up Time
Europe: RPE
10mS min. @ 120VAC and max. load
UK: RPK
Australia: RPS
Over Current Protection
Output equipped with short circuit protection – auto
restart
Dimension Diagram Unit: mm (inch)


Similar Part No. - PSA15R-090P

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15R-090PV PHIHONG-PSA15R-090PV Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
More results

Similar Description - PSA15R-090P

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSA21R-033 PHIHONG-PSA21R-033 Datasheet
138Kb / 3P
   15-20 Watt Interchangeable Plug Series
PSA15R-480PE PHIHONG-PSA15R-480PE Datasheet
102Kb / 2P
   15 Watt Interchangeable Plug Series with RJ45 Output
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com