Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA15R-480P Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA15R-480P
Description  15 WATT INTERCHANGEABLE PLUG SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA15R-480P Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA15R-480P Datasheet HTML 1Page - Phihong USA Inc. PSA15R-480P Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R Wall Plug Adapter Meets CEC and EISA Requirements
Features
• Limited Power Source
• Class II Double Insulated
• Class B EMI
• High Efficiency
• EISA Compliant
Applications
• Wireless Communications
• Portable Equipment
• Peripherals
• PDA
Safety Approvals
• cUL/UL
• CE
• TUV
• C-Tick
• SAA
• CCC (except for 48V)
Mechanical Characteristics
• Length: 71.7mm (2.82in)
• Height: 33.2mm (1.31in)
• Width: 50mm (1.97in)
• Weight: 145g (5.12oz)
Output Specifications
Note: (1) Measured after 30 minutes with by-pass capacitors 0.1uf/10uf at output connector terminal and oscilloscope set at
20 Mhz. (2) Special order item. Minimum order quantity of 1500 required.
DC Output
Load
Ripple (1)
Regulation
Efficiency
Model
Voltage
Min.
Max.
P-P (max)
Line
Load
Level
PSA15R-050P
5V
0A
3.0A
50mV
±5%
PSA15R-060P (2)
6V
0A
2.5A
60mV
±5%
PSA15R-075P (2)
7.5V
0A
2.14A
75mV
±5%
PSA15R-090P
9V
0A
1.66A
90mV
±5%
PSA15R-120P
12V
0A
1.25A
120mV
±5%
PSA15R-150P
15V
0A
1.0A
150mV
±5%
PSA15R-240P
24V
0A
0.62A
240mV
±5%
PSA15R-480P
48V
0A
0.31A
480mV
±5%
Interchangeable clips sold separately.
Phihong reserves the right to make changes without further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date specifications.


Similar Part No. - PSA15R-480P

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15R-480P6 PHIHONG-PSA15R-480P6 Datasheet
1Mb / 2P
   15 Watt Interchangeable Plug Series PSA15R Wall Plug Adapter Meets Level VI Requirements
PSA15R-480P6 PHIHONG-PSA15R-480P6 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSA15R-480PE PHIHONG-PSA15R-480PE Datasheet
102Kb / 2P
   15 Watt Interchangeable Plug Series with RJ45 Output
PSA15R-480PV PHIHONG-PSA15R-480PV Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
More results

Similar Description - PSA15R-480P

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSA21R-033 PHIHONG-PSA21R-033 Datasheet
138Kb / 3P
   15-20 Watt Interchangeable Plug Series
PSA15R-480PE PHIHONG-PSA15R-480PE Datasheet
102Kb / 2P
   15 Watt Interchangeable Plug Series with RJ45 Output
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com