Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16214DL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16214DL
Description  12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16214DL Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBT16214DL Datasheet HTML 1Page - Texas Instruments SN74CBT16214DL Datasheet HTML 2Page - Texas Instruments SN74CBT16214DL Datasheet HTML 3Page - Texas Instruments SN74CBT16214DL Datasheet HTML 4Page - Texas Instruments SN74CBT16214DL Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74CBT16214
12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SCDS008I – MAY 1993 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
0 V
Input
3 V
3.5 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74CBT16214DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214DL TI-SN74CBT16214DL Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DL TI-SN74CBT16214DL Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DL TI-SN74CBT16214DL Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214DL TI1-SN74CBT16214DL Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBT16214DLG4 TI-SN74CBT16214DLG4 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CBT16214DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
logo
Nexperia B.V. All right...
CBT16292 NEXPERIA-CBT16292 Datasheet
193Kb / 12P
   12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02 - 18 April 2008
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com