Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB0703220LZF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PSB0703220LZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB0703220LZF Datasheet(HTML) 6 Page - Superworld Electronics

  PSB0703220LZF Datasheet HTML 1Page - Superworld Electronics PSB0703220LZF Datasheet HTML 2Page - Superworld Electronics PSB0703220LZF Datasheet HTML 3Page - Superworld Electronics PSB0703220LZF Datasheet HTML 4Page - Superworld Electronics PSB0703220LZF Datasheet HTML 5Page - Superworld Electronics PSB0703220LZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
05.05.2008
SMD POWER INDUCTORS
PSB0703 SERIES
10. UL CARD :
___
___
___
___
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
___
___
___
___
___
___
___
___
___
___
___
04
130
130
94V-0
130
0.75
94V-0
94V-0
1.5
3.0
130
130
130
130
130
130
0
1
4
4
___
___
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.30
NC , BK
E4010
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
0.75
0.30
1.5
3.0
0.30
0.75
1.5
3.0
NC , BK
NC , WT , BK
E4008
E4008 , E400X
0.30
0.75
1.5
3.0
0.30
0.75
1.5
3.0
130
130
130
130
130
130
130
130
130
130
130
220
220
130
220
200
200
130
180
34
130
___
130
130
130
24
___
14
___
240
240
130
220
2
1
___
4
4
34
130
130
220
220
220
200
180
200
130
130
130
130
130
130
130
130
___
___
130
___
240
220
240
2
3
4
4
___
14
130
130
130
130
2
1
4
4
34
UL94
Class
Flame
Mtl Dsg
Min
mm
Thk
Col
Mech
RTI
Elec
Imp
with
HH
Imp
w/o
I
I
WA
___
___
5
04
___
___
___
___
___
___
___
___
___
___
___
___
5
04
___
___
___
5
___
04
___
___
___
___
___
___
___
5
0
___
4
___
___
___
5
___
04
C
4
D
H
V
5
9
R
T
I
T
E54705 (M)
GUANGDONG CHINA
Mtl Dsg
ANSI
Type
__
BC
Coating Type
TC
__
__
TI
__


Similar Part No. - PSB0703220LZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB0705 SUPERWORLD-PSB0705 Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705100MZF SUPERWORLD-PSB0705100MZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705101KZF SUPERWORLD-PSB0705101KZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705102KZF SUPERWORLD-PSB0705102KZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
PSB0705120MZF SUPERWORLD-PSB0705120MZF Datasheet
472Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB0703220LZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com