Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9312S-G10G Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-9312S-G10G
Description  1.25Gbps Single Fiber Bi-directional GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9312S-G10G Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-9312S-G10G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 9Page - Source Photonics, Inc. FTM-9312S-G10G Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1.25gbps Single Fiber Bi-directional GBIC Transceiver
10~40km point-to-point transmission, RoHS compliant
Preliminary Data Sheet
March 17, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 10
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization Last printed 2006-6-6 13:36
Table 8 – Pin Function Definitions
Pin Name
Pin #
Name/Function
Signal Specification
RECEIVER SIGNALS
RGND
2, 3, 11,
14
Receiver Ground
(may be connected with TGND in GBIC)
Ground, to GBIC
VDDR
15
Receiver +3.3/5 volt
(may be connected with VDDT in GBIC)
Power, to GBIC
-RX_DAT
12
Receive Data, Differential PECL
High speed serial,
from GBIC
+RX_DAT
13
Receive Data, Differential PECL
High speed serial,
from GBIC
RX_LOS
1
Receiver Loss of Signal, logic high, open
collector compatible, 4.7k to 10kΩ pull up to
VDDT on host
Low speed, from GBIC
TRANSMITTER SIGNALS
TGND
8, 9, 17,
20
Transmitter Ground
(may be connected with RGND internally)
Ground, to GBIC
VDDT
16
Transmitter +3.3/5 volt
(may be connected with VDDR in GBIC)
Power, to GBIC
+TX_DAT
18
Transmit Data, Differential PECL
High speed serial,
to GBIC
-TX_DAT
19
Transmit Data, Differential PECL
High speed serial,
to GBIC
TX_DISABLE
7
Transmitter Disable, logic high, open collector
compatible, 4.7k to 10kΩ pull up to VDDT on
GBIC
Low speed, to GBIC
TX_FAULT
10
Transmitter Fault, logic high, open collector
compatible, 4.7k to 10kΩ pull up to VDDT on host
Low speed, from GBIC
CONTROL SIGNALS
MOD_DEF(0)
4
TTL low, output
MOD_DEF(1)
5
SCL serial clock signal, input
MOD_DEF(2)
6
SDA serial data signal, input/output
Please reference GBIC
standard, Annex D:
Module definition “4”


Similar Part No. - FTM-9312S-G10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9301C-SL20G SOURCE-FTM-9301C-SL20G Datasheet
343Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9301C-SL20IG SOURCE-FTM-9301C-SL20IG Datasheet
368Kb / 11P
   155M Bi-directional SFP Transceiver
FTM-9301S-S20IG SOURCE-FTM-9301S-S20IG Datasheet
291Kb / 10P
   155M Bi-directional SFP Transceiver
More results

Similar Description - FTM-9312S-G10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com