Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB0604330KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB0604330KZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB0604330KZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB0604330KZF Datasheet HTML 1Page - Superworld Electronics PSB0604330KZF Datasheet HTML 2Page - Superworld Electronics PSB0604330KZF Datasheet HTML 3Page - Superworld Electronics PSB0604330KZF Datasheet HTML 4Page - Superworld Electronics PSB0604330KZF Datasheet HTML 5Page - Superworld Electronics PSB0604330KZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB0604 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
47.0±10%
PSB0604470KZF
PSB0604680KZF
PSB0604560KZF
PSB0604820KZF
68.0±10%
56.0±10%
82.0±10%
1.8±20%
PSB06041R8MZF
PSB06042R2MZF
PSB06044R7MZF
PSB06046R8MZF
PSB06043R3MZF
PSB0604120MZF
PSB0604180MZF
PSB0604150MZF
PSB0604270MZF
PSB0604330KZF
PSB0604220MZF
PSB0604100MZF
PSB0604390KZF
18.0±20%
15.0±20%
27.0±20%
33.0±10%
22.0±20%
39.0±10%
2.2±20%
4.7±20%
6.8±20%
3.3±20%
12.0±20%
10.0±20%
Part No.
PSB06041R2MZF
Inductance
1.2±20%
( µH )
330
0.85
600
410
450
0.60
0.80
0.70
30
2.85
110
160
190
120
300
280
1.00
1.10
0.90
1.45
1.30
1.25
35
40
45
85
90
60
1.85
1.50
1.60
2.65
2.15
2.35
( m )
RDC
25
Max.
IDC
( A )
Max.
3.00
PSB0604561KZF
PSB0604821KZF
PSB0604102KZF
PSB0604681KZF
PSB0604471KZF
820.0±10%
1000.0±10%
560.0±10%
680.0±10%
470.0±10%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
5400
6000
2980
5100
3300
PSB0604331KZF
PSB0604391KZF
PSB0604221KZF
PSB0604271KZF
PSB0604181KZF
PSB0604151KZF
330.0±10%
390.0±10%
270.0±10%
220.0±10%
180.0±10%
150.0±10%
PSB0604121KZF
PSB0604101KZF
120.0±10%
100.0±10%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1800
1950
2780
1050
1150
1250
1V / 100K
1V / 100K
660
720
0.18
0.16
0.21
0.20
0.23
0.28
0.25
0.30
0.35
0.40
0.45
0.55
0.50
( Hz )
Test
Frequency


Similar Part No. - PSB0604330KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB0602 SUPERWORLD-PSB0602 Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602100MZF SUPERWORLD-PSB0602100MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602102MZF SUPERWORLD-PSB0602102MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602150MZF SUPERWORLD-PSB0602150MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602151MZF SUPERWORLD-PSB0602151MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - PSB0604330KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com