Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-3012C-SL20G Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-3012C-SL20G
Description  1.25G Spring-Latch SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3012C-SL20G Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-3012C-SL20G Datasheet HTML 2Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 3Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 4Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 5Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 6Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 7Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 8Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 9Page - Source Photonics, Inc. FTM-3012C-SL20G Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1.25G Spring-Latch SFP Transceiver
10~20km transmission, RoHS compliance
Feb. 12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 8
laser fault of some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the
module with a 4.7k~10k
Ω resistor. Its states are:
Low (0~0.8V):
Transmitter on
(>0.8V, <2.0V):
Undefined
High (2.0~3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k
Ω resistor on
the host board. The pull-up voltage shall be VccT or VccR.
MOD-DEF 0 is grounded by the module to indicate that the module is present
MOD-DEF 1 is the clock line of two wire serial interface for serial ID
MOD-DEF 2 is the data line of two wire serial interface for serial ID
4. LOS is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board to
a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
In the low state, the output will be pulled to less than 0.8V.
5. These are the differential receiver output. They are internally AC-coupled 100Ω differential lines which
should be terminated with 100Ω (differential) at the user SERDES.
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100Ω differential
termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 4.
55.7± 0.1
41.8± 0.15
45.0± 0.2
34.6± 0.1
LABEL
Tx
6.25± 0.05
Rx
Figure 4, Mechanical Design Diagram of the SFP with Spring-Latch


Similar Part No. - FTM-3012C-SL20G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012S-G20G SOURCE-FTM-3012S-G20G Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
More results

Similar Description - FTM-3012C-SL20G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
logo
Source Photonics, Inc.
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-3401C-SL10CG SOURCE-FTM-3401C-SL10CG Datasheet
260Kb / 10P
   100BASE-LX Spring-Latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com