Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB0605821KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PSB0605821KZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB0605821KZF Datasheet(HTML) 2 Page - Superworld Electronics

  PSB0605821KZF Datasheet HTML 1Page - Superworld Electronics PSB0605821KZF Datasheet HTML 2Page - Superworld Electronics PSB0605821KZF Datasheet HTML 3Page - Superworld Electronics PSB0605821KZF Datasheet HTML 4Page - Superworld Electronics PSB0605821KZF Datasheet HTML 5Page - Superworld Electronics PSB0605821KZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
PSB0605 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
2.2±20%
PSB06052R2MZF
22.0±20%
PSB0605220MZF
PSB0605270MZF
PSB0605330KZF
PSB0605470KZF
PSB0605680KZF
PSB0605560KZF
PSB0605820KZF
PSB0605390KZF
47.0±10%
68.0±10%
56.0±10%
82.0±10%
27.0±20%
33.0±10%
39.0±10%
PSB06054R7MZF
PSB06056R8MZF
PSB06053R3MZF
PSB0605120MZF
PSB0605180MZF
PSB0605150MZF
PSB0605100MZF
10.0±20%
12.0±20%
18.0±20%
15.0±20%
4.7±20%
6.8±20%
3.3±20%
Part No.
PSB06051R2MZF
PSB06051R5MZF
Inductance
1.5±20%
1.2±20%
( µH )
35
2.70
1.20
110
220
0.80
300
0.70
390
0.60
250
0.75
180
1.00
210
0.90
130
1.10
1.80
70
90
1.50
95
1.30
80
1.60
50
2.20
60
2.00
42
2.50
( A )
( m )
Max.
30
3.00
28
Max.
3.50
RDC
IDC
PSB0605561KZF
PSB0605821KZF
PSB0605102KZF
PSB0605681KZF
820.0±10%
1000.0±10%
560.0±10%
680.0±10%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
3500
4100
2300
3200
0.18
0.16
0.25
0.20
500
1V / 100K
PSB0605121KZF
120.0±10%
PSB0605271KZF
270.0±10%
PSB0605471KZF
PSB0605391KZF
PSB0605331KZF
470.0±10%
390.0±10%
330.0±10%
PSB0605221KZF
PSB0605181KZF
PSB0605151KZF
180.0±10%
220.0±10%
150.0±10%
1000
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1500
2000
1400
1V / 100K
1V / 100K
1V / 100K
690
890
620
PSB0605101KZF
100.0±10%
1V / 100K
430
0.50
0.35
0.30
0.28
0.32
0.40
0.38
0.45
0.55
( Hz )
Frequency
Test


Similar Part No. - PSB0605821KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB0602 SUPERWORLD-PSB0602 Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602100MZF SUPERWORLD-PSB0602100MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602102MZF SUPERWORLD-PSB0602102MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602150MZF SUPERWORLD-PSB0602150MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
PSB0602151MZF SUPERWORLD-PSB0602151MZF Datasheet
229Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - PSB0605821KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com