Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCB0812330KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCB0812330KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0812330KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB0812330KZF Datasheet HTML 1Page - Superworld Electronics RCB0812330KZF Datasheet HTML 2Page - Superworld Electronics RCB0812330KZF Datasheet HTML 3Page - Superworld Electronics RCB0812330KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB0812 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
25.04.2008
RADIAL CHOKE COIL
0.850
0.55
1.9
1V/0.796
390.0 ±10%
RCB0812391KZF
20
1.300
1.600
2.100
1.800
1.400
470.0 ±10%
820.0 ±10%
1000.0 ±10%
680.0 ±10%
560.0 ±10%
RCB0812471KZF
RCB0812681KZF
RCB0812821KZF
RCB0812102KZF
RCB0812561KZF
1V/0.796
1V/0.796
1V/0.252
1V/0.796
1V/0.796
40
20
20
20
20
1.3
1.5
1.8
1.6
1.7
0.50
0.40
0.30
0.35
0.45
RDC
(
)
Max.
0.039
0.033
0.027
0.055
0.065
0.060
0.110
0.120
0.090
0.048
0.200
0.210
0.140
0.320
0.230
0.280
0.680
0.600
0.540
0.760
0.370
0.130
Inductance
( µH )
4.7 ±20%
3.3 ±20%
6.8 ±20%
15.0 ±10%
22.0 ±10%
18.0 ±10%
12.0 ±10%
33.0 ±10%
27.0 ±10%
10.0 ±10%
47.0 ±10%
68.0 ±10%
100.0 ±10%
82.0 ±10%
56.0 ±10%
120.0 ±10%
220.0 ±10%
270.0 ±10%
180.0 ±10%
330.0 ±10%
150.0 ±10%
39.0 ±10%
RCB0812270KZF
RCB0812330KZF
RCB0812470KZF
RCB0812560KZF
RCB0812680KZF
RCB0812820KZF
RCB0812101KZF
RCB0812121KZF
RCB0812181KZF
RCB0812221KZF
RCB0812271KZF
RCB0812331KZF
RCB0812151KZF
RCB0812390KZF
RCB08123R3MZF
RCB08124R7MZF
RCB08126R8MZF
RCB0812120KZF
RCB0812150KZF
RCB0812180KZF
RCB0812220KZF
RCB0812100KZF
Part No.
8.5
1V/2.52
40
1V/2.52
1V/2.52
1V/2.52
1V/2.52
1V/2.52
1V/0.796
1V/0.796
1V/0.796
1V/0.796
1V/0.796
1V/0.796
1V/0.796
1V/2.52
30
20
20
30
30
30
30
30
30
30
40
30
30
3.5
2.2
2.4
2.0
3.0
2.6
2.8
5.0
4.5
4.0
8.0
6.0
7.0
Test
Frequency
( MHz )
1V/7.96
1V/7.96
1V/7.96
1V/2.52
1V/2.52
1V/2.52
1V/2.52
1V/2.52
20
50
40
40
50
50
20
Q
Min.
20
50.0
30.0
15.0
10.0
20.0
9.5
9.0
( MHz )
SRF
Min.
70.0
1.80
1.00
0.70
0.60
0.80
0.90
0.65
0.75
1.70
1.30
1.10
1.20
1.50
1.60
3.20
2.50
2.30
1.90
2.40
2.70
3.00
( A )
IDC
Max.
3.60
90 to 120s
RECOMMENDED SOLDERING CONDITIONS
180°C
150°C
230°C
REFLOW SOLDERINGS
260°C
Natural
40s max.
Pre-heating
cooling
10s max.


Similar Part No. - RCB0812330KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0812330KZF SUPERWORLD-RCB0812330KZF Datasheet
917Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB0812330KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com